Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3526 Datasheet(PDF) 7 Page - Linear Integrated Systems

Part # LTC3526
Description  500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3526 Datasheet(HTML) 7 Page - Linear Integrated Systems

Back Button LTC3526 Datasheet HTML 3Page - Linear Integrated Systems LTC3526 Datasheet HTML 4Page - Linear Integrated Systems LTC3526 Datasheet HTML 5Page - Linear Integrated Systems LTC3526 Datasheet HTML 6Page - Linear Integrated Systems LTC3526 Datasheet HTML 7Page - Linear Integrated Systems LTC3526 Datasheet HTML 8Page - Linear Integrated Systems LTC3526 Datasheet HTML 9Page - Linear Integrated Systems LTC3526 Datasheet HTML 10Page - Linear Integrated Systems LTC3526 Datasheet HTML 11Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3526/LTC3526B

3526bfd
3
+
GATE DRIVERS
AND
ANTI-CROSS
CONDUCTION
LOGIC
CLK
IPK
IPK
COMP
SLOPE
COMP
IZERO
COMP
ERROR AMP
SLEEP COMP
IZERO
WAKE
EXPOSED
PAD
+
WELL
SWITCH
MODE
CONTROL
UVLO
VREF
VREF
4M
SHDN
VBEST
START-UP
1MHz
OSC
TSD
THERMAL
SHUTDOWN
SHUTDOWN
ANTI-RING
VSEL
VIN
1
6
SW
VOUT
L1
4.7µH
VB
SHUTDOWN
CLAMP
CSS
VREF
VOUT
5
7
GND
3526 BD
2
FB
R2
COUT
4.7µF
VOUT
1.6V
TO 5.25V
R1
4
CIN
2.2µF
VIN
0.85V
TO 5V
block Diagram
(Refer to Block Diagram)
operaTion
The LTC3526/LTC3526B are 1MHz synchronous boost
converters housed in a 6-lead 2mm
× 2mm DFN package.
With the ability to start up and operate from inputs less
than 1V, these devices feature fixed frequency, current
mode PWM control for exceptional line and load regula-
tion. The current mode architecture with adaptive slope
compensation provides excellent transient load response,
requiring minimal output filtering. Internal soft-start and
internal loop compensation simplifies the design process
while minimizing the number of external components.
With its low RDS(ON) and low gate charge internal N-chan-
nel MOSFET switch and P-channel MOSFET synchronous
rectifier, the LTC3526 achieves high efficiency over a wide
range of load currents. Automatic Burst Mode operation
maintains high efficiency at very light loads, reducing
the quiescent current to just 9µA. Operation can be best
understood by referring to the Block Diagram.
LOW VOLTAGE START-UP
The LTC3526/LTC3526B include an independent start-up
oscillator designed to start up at an input voltage of 0.85V
(typical).Soft-startandinrushcurrentlimitingareprovided
during start-up, as well as normal mode.
When either VIN or VOUT exceeds 1.4V typical, the IC
enters normal operating mode. When the output voltage


Similar Part No. - LTC3526

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526 LINER-LTC3526 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526 LINER-LTC3526 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526-2 LINER-LTC3526-2 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results

Similar Description - LTC3526

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526EDC LINER-LTC3526EDC Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
   1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3529 LINER-LTC3529_15 Datasheet
216Kb / 12P
   1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com