Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1099ACN Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LTC1099ACN
Description  High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1099ACN Datasheet(HTML) 4 Page - Linear Integrated Systems

  LTC1099ACN Datasheet HTML 1Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 2Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 3Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 4Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 5Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 6Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 7Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 8Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC1099
4
AMBIENT TEMPERATURE, TA (°C)
–50
1.8
1.6
1.4
1.2
1.0
0.8
0.6
4.5
4.0
3.5
3.0
2.5
2.0
1.5
25
75
1099 G07
–25
0
50
100
125
INPUT FREQUENCY (kHz)
1
–36
–38
–40
–42
–44
–46
–48
–50
–52
10
100
1099 G08
TA = 25°C
TC = 2.5µs
Conversion Time vs Temperature
Signal-to-Noise Ratio (SNR) vs
Input Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
AMBIENT TEMPERATURE, TA (°C)
20
18
16
14
12
10
8
6
4
2
0
1099 G01
– 50
– 25
0
25
50
75
100
125
REFERENCE VOLTAGE, VREF (V)
0
2
4
5
4
3
2
1
0
1099 G02
13
TA = 25°C
TC = 2.5µs
VOS Error vs Reference Voltage
Linearity Error vs Reference
Voltage
Supply Current vs Temperature
REFERENCE VOLTAGE, VREF (V)
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
4
1099 G03
1
2
3
5
TA = 25°C
TC = 2.5µs
1099 G04
REFERENCE VOLTAGE, VREF (V)
0
2
4
5
4
3
2
1
0
13
TA = 25°C
TC = 2.5µs
RESISTANCE (k
Ω)
10
100
10
1.0
0.1
100
1000
1099 G05
RESISTOR BETWEEN
PIN 19 AND VCC
RESISTOR BETWEEN
PIN 19 AND GND
TA = 25°C
CONVERSION TIME (
µs)
1.6
0
0.2
0.6
0.8
1.0
1.8
2.0 2.1
2.5
1099 G06
0.4
1.7
1.9
2.2 2.3 2.4
TA = 25°C
Total Error vs Reference Voltage
Conversion Time vs REXT
Accuracy vs Conversion Time


Similar Part No. - LTC1099ACN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1099ACN LINER-LTC1099ACN Datasheet
1Mb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
More results

Similar Description - LTC1099ACN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1099 LINER-LTC1099_15 Datasheet
204Kb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
LTC1099 LINER-LTC1099 Datasheet
1Mb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
   12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
National Semiconductor ...
ADC10321 NSC-ADC10321 Datasheet
414Kb / 16P
   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Intersil Corporation
HI-7151 INTERSIL-HI-7151 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI-7152 INTERSIL-HI-7152 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
logo
Texas Instruments
ADC10321 TI1-ADC10321_14 Datasheet
983Kb / 27P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321 TI1-ADC10321_15 Datasheet
985Kb / 26P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com