Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3518HFE Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LT3518HFE
Description  Full-Featured LED Driver with 2.3A Switch Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3518HFE Datasheet(HTML) 5 Page - Linear Integrated Systems

  LT3518HFE Datasheet HTML 1Page - Linear Integrated Systems LT3518HFE Datasheet HTML 2Page - Linear Integrated Systems LT3518HFE Datasheet HTML 3Page - Linear Integrated Systems LT3518HFE Datasheet HTML 4Page - Linear Integrated Systems LT3518HFE Datasheet HTML 5Page - Linear Integrated Systems LT3518HFE Datasheet HTML 6Page - Linear Integrated Systems LT3518HFE Datasheet HTML 7Page - Linear Integrated Systems LT3518HFE Datasheet HTML 8Page - Linear Integrated Systems LT3518HFE Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3518
5
3518fe
TYPICAL PERFORMANCE CHARACTERISTICS
VISP – VISN Threshold vs VCTRL
Switch Current Limit
vs Duty Cycle
Oscillator Frequency vs RT
VISP – VISN Threshold
vs Temperature
Switch Current Limit
vs Temperature
Oscillator Frequency
vs Temperature
VCTRL (V)
0
0
20
40
60
80
0.4
0.8
1.2
1.6
3518 G01
100
120
0.2
0.6
1.0
1.4
VIN = 5V
VISP = 24V
VC = 1V
TA = 25°C
DUTY CYCLE (%)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
20
40
60
80
3518 G02
100
TA = 25°C
RT (kΩ)
1
100
1000
10000
10
100
3518 G03
TA = 25°C
TEMPERATURE (°C)
–40
103
20
3518 G04
100
98
–20 0
40
97
96
104
102
101
99
60 80 100 120 140 160
VIN = 5V
VISP = 24V
VC = 1V
VCTRL = 2V
TEMPERATURE (°C)
–40 –15
2.0
2.4
3.0
–10
60
85
3518 G05
2.2
2.8
2.6
35
110 135 160
VIN = 5V
TEMPERATURE (°C)
–40 –20
1.5
1.9
2.5
0
40 60
3518 G06
1.7
2.3
2.1
20
80
160
100 120 140
VIN = 5V
RT = 6.04k
Reference Voltage
vs Temperature
VISP – VISN Threshold vs VISP
VISP (V)
0
101
103
105
40
3518 G07
99
97
100
102
104
98
96
95
10
20
30
50
VCTRL = 2V
VIN = 5V
TA = 25°C
VC = 1V
TEMPERATURE (°C)
–40
1.98
1.99
2.00
2.01
2.02
–20 0
20 40
3518 G08
60 80 100 120 140 160
VIN = 5V
Quiescent Current vs VIN
VIN (V)
0
4
5
6
40
3518 G09
3
2
0
10
20
30
1
8
7
TA = 25°C
VC = 0V


Similar Part No. - LT3518HFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3518HFE-PBF LINER-LT3518HFE-PBF Datasheet
272Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
LT3518HFE-TRPBF LINER-LT3518HFE-TRPBF Datasheet
272Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
More results

Similar Description - LT3518HFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3518 LINER-LT3518_15 Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
LT3518 LINER-LT3518 Datasheet
272Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517_12 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
List of Unclassifed Man...
QA-1000HC ETC1-QA-1000HC Datasheet
105Kb / 6P
   Full Featured Programmable Analog Supply Current Monitor
logo
Analog Devices
LT3922-1 AD-LT3922-1 Datasheet
3Mb / 32P
   36V, 2.3A Synchronous Step-Up LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com