Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1615IS5-1 Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LT1615IS5-1
Description  Micropower Step-Up DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1615IS5-1 Datasheet(HTML) 4 Page - Linear Integrated Systems

  LT1615IS5-1 Datasheet HTML 1Page - Linear Integrated Systems LT1615IS5-1 Datasheet HTML 2Page - Linear Integrated Systems LT1615IS5-1 Datasheet HTML 3Page - Linear Integrated Systems LT1615IS5-1 Datasheet HTML 4Page - Linear Integrated Systems LT1615IS5-1 Datasheet HTML 5Page - Linear Integrated Systems LT1615IS5-1 Datasheet HTML 6Page - Linear Integrated Systems LT1615IS5-1 Datasheet HTML 7Page - Linear Integrated Systems LT1615IS5-1 Datasheet HTML 8Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1615/LT1615-1
sn16151 16151fas
BLOCK DIAGRA
Figure 1. LT1615 Block Diagram
+
+
5
400ns
ONE-SHOT
DRIVER
RESET
ENABLE
42mV*
0.12
A2
A1
Q3
2
R4
140k
R3
30k
R6
40k
R5
40k
Q2
X10
Q1
3
VIN
FB
4
SHDN
1
SW
GND
1615/-1 BD
L1
C2
VOUT
VIN
D1
R2
(EXTERNAL)
R1
(EXTERNAL)
VOUT
C1
* 12mV FOR LT1615-1
OPERATIO
The LT1615 uses a constant off-time control scheme to
provide high efficiencies over a wide range of output
current. Operation can be best understood by referring to
the block diagram in Figure 1. Q1 and Q2 along with R3 and
R4 form a bandgap reference used to regulate the output
voltage. When the voltage at the FB pin is slightly above
1.23V, comparator A1 disables most of the internal cir-
cuitry. Output current is then provided by capacitor C2,
which slowly discharges until the voltage at the FB pin
drops below the lower hysteresis point of A1 (typical
hysteresis at the FB pin is 8mV). A1 then enables the
internal circuitry, turns on power switch Q3, and the
current in inductor L1 begins ramping up. Once the switch
current reaches 350mA, comparator A2 resets the one-
shot, which turns off Q3 for 400ns. L1 then delivers
current to the output through diode D1 as the inductor
current ramps down. Q3 turns on again and the inductor
current ramps back up to 350mA, then A2 resets the one-
shot, again allowing L1 to deliver current to the output.
This switching action continues until the output voltage is
charged up (until the FB pin reaches 1.23V), then A1 turns
off the internal circuitry and the cycle repeats. The LT1615
contains additional circuitry to provide protection during
start-up and under short-circuit conditions. When the FB
pin voltage is less than approximately 600mV, the switch
off-time is increased to 1.5
µs and the current limit is
reduced to around 250mA (70% of its normal value). This
reduces the average inductor current and helps minimize
the power dissipation in the LT1615 power switch and in
the external inductor and diode. The LT1615-1 operates in
the same manner, except the switch current is limited to
100mA (the A2 reference voltage is 12mV instead of
42mV).


Similar Part No. - LT1615IS5-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1615IS5-1 LINER-LT1615IS5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615IS5-1#TRMPBF LINER-LT1615IS5-1#TRMPBF Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
More results

Similar Description - LT1615IS5-1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
logo
Linear Technology
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
logo
ams AG
AS1322 AMSCO-AS1322 Datasheet
551Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329 Datasheet
88Kb / 2P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
logo
Linear Technology
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com