Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR88C68128 Datasheet(PDF) 3 Page - Exar Corporation

Part # XR88C68128
Description  Two Full Duplex, Independent Channels
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C68128 Datasheet(HTML) 3 Page - Exar Corporation

  XR88C68128 Datasheet HTML 1Page - Exar Corporation XR88C68128 Datasheet HTML 2Page - Exar Corporation XR88C68128 Datasheet HTML 3Page - Exar Corporation XR88C68128 Datasheet HTML 4Page - Exar Corporation XR88C68128 Datasheet HTML 5Page - Exar Corporation XR88C68128 Datasheet HTML 6Page - Exar Corporation XR88C68128 Datasheet HTML 7Page - Exar Corporation XR88C68128 Datasheet HTML 8Page - Exar Corporation XR88C68128 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 101 page
background image
XR88C681
3
Rev. 2.11
PIN CONFIGURATION
VCC
IP2
-CS
RESET
X2
X1/CLK
RXDA
TXDA
A0
A1
13
A2
16
A3
14
-WR
15
-RD
RXDB
TXDB
OP0
OP1
D0
D1
D2
D3
D4
D5
D6
D7
-INTR
GND
28 Lead PDIP (0.600”)
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
11
18
12
17
15
16
17
18
19
20
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
40
39
38
37
36
35
34
33
32
31
11
12
13
14
30
29
28
27
40 Lead PDIP, CDIP (0.600”)
D4
D6
-INTR
OP6
D0
D2
OP0
OP2
OP4
X1/CLK
RXDA
TXDA
X2
IP2
-CS
RESET
IP4/IEI
IP5/IEO
-IP6/IACK
VCC
D5
D7
GND
OP7
D1
D3
OP1
OP3
OP5
-RD
RXDB
TXDB
-WR
A2
A3
IP0
IP3
A1
IP1
A0
XR-68C681CJ
PLCC
CS
-RESET
X2
X1/CLK
RXDA
NC
TXDA
OP0
OP2
OP4
OP5
OP3
OP1
TXDB
NC
RXDB
-RD
-WR
IP0
A3
44 Lead PLCC
OP7
OP6
39
38
37
36
35
34
33
32
31
30
29
7
8
9
10
11
12
13
14
15
16
17


Similar Part No. - XR88C68128

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR88C681 EXAR-XR88C681 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
XR88C681CJ EXAR-XR88C681CJ Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR88C681CJ EXAR-XR88C681CJ Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
XR88C681CJ EXAR-XR88C681CJ Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
More results

Similar Description - XR88C68128

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E981.07 ELMOS-E981.07 Datasheet
533Kb / 46P
   Two independent operating channels
logo
List of Unclassifed Man...
MCM-7312 ETC-MCM-7312 Datasheet
1Mb / 4P
   Four independent, RS-232-C, Full-duplex, Serial Communications Channels.
logo
ELMOS Semiconductor AG
E981.08 ELMOS-E981.08 Datasheet
557Kb / 47P
   Four independent operating channels
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BWZ AVAGO-AFBR-732BWZ Datasheet
434Kb / 22P
   12 independent channels per module
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
logo
Estek Electronics Co. L...
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
   two independent voltage comparators
logo
Vishay Siliconix
VS-UFB230FA60 VISHAY-VS-UFB230FA60 Datasheet
139Kb / 7P
   Two fully independent diodes
Revision: 31-May-16
VS-UFB280FA20 VISHAY-VS-UFB280FA20 Datasheet
277Kb / 8P
   Two fully independent diodes
Revision: 31-May-16
logo
Sanyo Semicon Device
LB8628PL SANYO-LB8628PL Datasheet
76Kb / 6P
   Two Saturated Drive Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com