Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR88C681CP Datasheet(PDF) 9 Page - Exar Corporation

Part # XR88C681CP
Description  Two Full Duplex, Independent Channels
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C681CP Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR88C681CP Datasheet HTML 5Page - Exar Corporation XR88C681CP Datasheet HTML 6Page - Exar Corporation XR88C681CP Datasheet HTML 7Page - Exar Corporation XR88C681CP Datasheet HTML 8Page - Exar Corporation XR88C681CP Datasheet HTML 9Page - Exar Corporation XR88C681CP Datasheet HTML 10Page - Exar Corporation XR88C681CP Datasheet HTML 11Page - Exar Corporation XR88C681CP Datasheet HTML 12Page - Exar Corporation XR88C681CP Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 101 page
background image
XR88C681
9
Rev. 2.11
AC ELECTRICAL CHARACTERISTICS 1, 2, 3
Test Conditions:
TA = 0 - 70°C, VCC = 5V ¦ 5% unless otherwise specified.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Reset Timing (See Figure 51)
tRES
RESET Pulse Width
1.0
A
XR88C681 Read and Write Cycle Timing (Figure 52)4
tAS
A0-A3 Setup Time to RD, WR
Low
10
ns
tAH
A0-A3 Hold Time from RD, WR
Low
0
ns
tCS
CS Setup Time to RD, WR Low
0
ns
tCH
CS Hold Time from -RD, -WR
High
0
ns
tRW
-RD, -WR Pulse Width
225
ns
tDD
Data Valid from -RD Low
60
175
ns
tDF
Data Bus Floating from -RD High
10
100
ns
tDS
Data Setup Time to -WR High
100
ns
tDH
Data Hold Time from -WR High
5
ns
tRWD
High Time Between Reads
and/or Writes5, 6
100
ns
Z-Mode Interrupt Cycle Timing (Figure 53)
tDIO
IEO Delay Time from IEI
100
ns
tIAS
-IACK Setup Time to -RD Low7
ns
tIAH
-IACK Hold Time from -RD High
0
ns
tEIS
IEI Setup Time to RD Low
50
ns
tEOD
IEO Delay Time from -INTR Low
100
ns
Port Timing (Figure 54)4
tPS
Port Input Setup Time to
-RD/-CS Low
0
ns
tPH
Port Input Hold Time from
-RD/-CS High
0
ns
tPD
Port Output Valid from -WR/-CS
High
400
ns
Interrupt Output Timing (Figure 55)
tIR
-INTR or OP3 - OP7 when used
as Interrupts High from: Clear of
Interrupts Status Bits in ISR or
IPCR Clear of Interrupt Mask in
IMR
300
300
ns
ns
Clock Timing (Figure 56)


Similar Part No. - XR88C681CP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C681CP EXAR-XR88C681CP Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR88C681CP/28 EXAR-XR88C681CP/28 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR88C681CP/28 EXAR-XR88C681CP/28 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
XR88C681CP/40 EXAR-XR88C681CP/40 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR88C681CP/40 EXAR-XR88C681CP/40 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
More results

Similar Description - XR88C681CP

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E981.07 ELMOS-E981.07 Datasheet
533Kb / 46P
   Two independent operating channels
logo
List of Unclassifed Man...
MCM-7312 ETC-MCM-7312 Datasheet
1Mb / 4P
   Four independent, RS-232-C, Full-duplex, Serial Communications Channels.
logo
ELMOS Semiconductor AG
E981.08 ELMOS-E981.08 Datasheet
557Kb / 47P
   Four independent operating channels
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BWZ AVAGO-AFBR-732BWZ Datasheet
434Kb / 22P
   12 independent channels per module
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
logo
Estek Electronics Co. L...
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
   two independent voltage comparators
logo
Vishay Siliconix
VS-UFB230FA60 VISHAY-VS-UFB230FA60 Datasheet
139Kb / 7P
   Two fully independent diodes
Revision: 31-May-16
VS-UFB280FA20 VISHAY-VS-UFB280FA20 Datasheet
277Kb / 8P
   Two fully independent diodes
Revision: 31-May-16
logo
Sanyo Semicon Device
LB8628PL SANYO-LB8628PL Datasheet
76Kb / 6P
   Two Saturated Drive Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com