Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHR-11N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VHR-11N
Description  3.96mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VHR-11N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VHR-11N Datasheet HTML 1Page - List of Unclassifed Manufacturers VHR-11N Datasheet HTML 2Page - List of Unclassifed Manufacturers VHR-11N Datasheet HTML 3Page - List of Unclassifed Manufacturers VHR-11N Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VH CONNECTOR
3.96mm pitch/Disconnectable Crimp style connectors
Locking header
Side entry type with PCB stabilizer
φ1.65 0
3.96
±0.05
+0.1
10.5
φ1.65 0
3.96
±0.05
+0.1
21
19
Shrouded header
20.5
φ1.65 0
3.96
±0.05
+0.1
*11.0 max. when used with the VR connector receptacle.
* 7.2 min
3.96
±0.05
±0.05
1.5
Circuit No.1
φ1.65 0
+0.1
φ1.4 0
+0.1
10.5
This small, field-proven connector for
printed circuit boards is reliable and has a
large current carrying capacity. It can be
used with a wide variety of signal, power
supply, and output circuits that appear in
consumer electronic products.
• Proven box contact
• Compact connector with a large capacity
• Secure contact and mounting
Specifications –––––––––––––––––––
• Current rating: 10A AC, DC (AWG #16)
• Voltage rating: 250V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10m
Ω max.
After environmental testing/ 20m
Ω max.
• Insulation resistance: 1,000M
Ω min.
• Withstanding voltage: 1,500V AC/minute
• Applicable wire: AWG #22 to #16
• Applicable PC board thickness: 1.6mm
Note:
Do not branch in parallel current which exceeds the rated current. If branched in
parallel, current imbalance or other problems may develop. If it is absolutely
necessary to branch such a large current in parallel, be sure to use contacts
made of phosphor bronze. Design the circuits without causing imbalance and
provide an extra margin for each circuit.
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards–––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
2R75122
Locking header
Side entry type
Locking header
Top entry type
Note: 1. The above figure is the figure viewed from soldering side.
2. Tolerances are non-cumulative:
±0.05mm for all centers.
3. Please consider the pattern layout design in case of applying the large current.
4. Hole dimensions differ according to the kind of PC board and piercing method. The dimensions above should serve as a guideline. Contact JST for details.
1


Similar Part No. - VHR-11N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VHR-11N ETC2-VHR-11N Datasheet
118Kb / 4P
   3.96mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - VHR-11N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VHR-7N ETC2-VHR-7N Datasheet
118Kb / 4P
   3.96mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com