Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX85C5V1 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BZX85C5V1
Description  Zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BZX85C5V1 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BZX85C5V1 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX85C5V1 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX85C5V1 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX85C5V1 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WEJ
ELECTRONIC
CO.,LTD
Type
VZnom
IZT
for VZT and
rzjT
rzjK at IZK
IR
at
VR
TKVZ
BZX85C
V
mA
V
1)
Ω
Ω
mA
μ
A
V
%/K
2V7
2.7
80
2.5~2.9
<20
<400
1
<150
1
-0.09~-0.06
3V0
3.0
80
2.8~3.2
<20
<400
1
<100
1
-0.08~-0.05
3V3
3.3
80
3.1~3.5
<20
<400
1
<40
1
-0.08~-0.05
3V6
3.6
60
3.4~3.8
<20
<500
1
<20
1
-0.08~-0.05
3V9
3.9
60
3.7~4.1
<15
<500
1
<10
1
-0.08~-0.05
4V3
4.3
50
4.0~4.6
<13
<500
1
<3
1
-0.06~-0.03
4V7
4.7
45
4.4~5.0
<13
<500
1
<3
1
-0.05~+0.02
5V1
5.1
45
4.8~5.4
<10
<500
1
<1
1
-0.02~+0.02
5V6
5.6
45
5.2~6.0
<7
<400
1
<1
1
-0.05~+0.05
6V2
6.2
35
5.8~6.6
<4
<300
1
<1
2
0.03~0.06
6V8
6.8
35
6.4~7.2
<3.5
<300
1
<1
3
0.03~0.07
7V5
7.5
35
7.0~7.9
<3
<200
0.5
<1
5
0.03~0.07
8V2
8.2
25
7.7~8.7
<5
<200
0.5
<1
6.2
0.03~0.08
9V1
9.1
25
8.5~9.6
<5
<200
0.5
<1
6.8
0.03~0.09
10
10
25
9.4~10.6
<7
<200
0.5
<0.5
7.5
0.03~0.1
11
11
20
10.4~11.6
<8
<300
0.5
<0.5
8.2
0.03~0.11
12
12
20
11.4~12.7
<9
<350
0.5
<0.5
9.1
0.03~0.11
13
13
20
12.4~14.1
<10
<400
0.5
<0.5
10
0.03~0.11
15
15
15
13.8~15.6
<15
<500
0.5
<0.5
11
0.03~0.11
16
16
15
15.3~17.1
<15
<500
0.5
<0.5
12
0.03~0.11
18
18
15
16.8~19.1
<20
<500
0.5
<0.5
13
0.03~0.11
20
20
10
18.8~21.2
<24
<600
0.5
<0.5
15
0.03~0.11
22
22
10
20.8~23.3
<25
<600
0.5
<0.5
16
0.04~0.12
24
24
10
22.8~25.6
<25
<600
0.5
<0.5
18
0.04~0.12
27
27
8
25.1~28.9
<30
<750
0.25
<0.5
20
0.04~0.12
30
30
8
28~32
<30
<1000
0.25
<0.5
22
0.04~0.12
33
33
8
31~35
<35
<1000
0.25
<0.5
24
0.04~0.12
36
36
8
34~38
<40
<1000
0.25
<0.5
27
0.04~0.12
39
39
6
37~41
<50
<1000
0.25
<0.5
30
0.04~0.12
43
43
6
40~46
<50
<1000
0.25
<0.5
33
0.04~0.12
47
47
4
44~50
<90
<1500
0.25
<0.5
36
0.04~0.12
51
51
4
48~54
<115
<1500
0.25
<0.5
39
0.04~0.12
56
56
4
52~60
<120
<2000
0.25
<0.5
43
0.04~0.12
62
62
4
58~66
<125
<2000
0.25
<0.5
47
0.04~0.12
68
68
4
64~72
<130
<2000
0.25
<0.5
51
0.04~0.12
75
75
4
70~79
<135
<2000
0.25
<0.5
56
0.04~0.12
1) Tighter tolerances available request:
BZX85B… ±2% of VZnom
BZX
85C2V7-BZX85C75
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BZX85C5V1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C5V1 VISHAY-BZX85C5V1 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Rectron Semiconductor
BZX85C5V1 RECTRON-BZX85C5V1 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
logo
New Jersey Semi-Conduct...
BZX85C5V1 NJSEMI-BZX85C5V1 Datasheet
99Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C5V1 FAIRCHILD-BZX85C5V1 Datasheet
49Kb / 3P
   Zeners
logo
Taiwan Semiconductor Co...
BZX85C5V1 TSC-BZX85C5V1 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
More results

Similar Description - BZX85C5V1

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com