Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR88C681CJ Datasheet(PDF) 7 Page - Exar Corporation

Part # XR88C681CJ
Description  Two Full Duplex, Independent Channels
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C681CJ Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR88C681CJ Datasheet HTML 3Page - Exar Corporation XR88C681CJ Datasheet HTML 4Page - Exar Corporation XR88C681CJ Datasheet HTML 5Page - Exar Corporation XR88C681CJ Datasheet HTML 6Page - Exar Corporation XR88C681CJ Datasheet HTML 7Page - Exar Corporation XR88C681CJ Datasheet HTML 8Page - Exar Corporation XR88C681CJ Datasheet HTML 9Page - Exar Corporation XR88C681CJ Datasheet HTML 10Page - Exar Corporation XR88C681CJ Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
XR88C681
7
Rev. 2.11
44 PLCC
40 PDIP,
CDIP
28 PDIP
Symbol
Type
Description
38
34
25
RESET
I
Master Reset (Active High).
Asserting this input clears in-
ternal registers, SR, ISR, IMR, OPR, OPCR, and initializes
the IVR to 0F16. Asserting this input also stops the Counter/
Timer, puts OP0 - OP7 in the high state, and places both
serial channels in the inactive state with TXDA and TXDB
outputs marking (high).
39
35
26
-CS
I
Chip Select (Active Low).
The data bus is tri-stated when
-CS is “high.” Data transfers between the CPU and the
DUART via D0 - D7 are enabled when -CS is “low”.
40
36
27
IP2
(C/T_EX)
I
Input 2. (General Purpose Input).
This input pin can also
be programmed to function as the “Counter/Timer external
clock” input (C/T_EX).
41
37
IP6
(RXCB)
I
Input 6 (I-Mode).
General Purpose Input pin. This input pin
can also be programmed to function as the External Receiv-
er Clock for Channel B (RXCB).
41
37
-IACK
I
Interrupt Acknowledge Input (Z-Mode).
Active Low.
This input is the CPU’s response to the Interrupt Request
issued by the DUART device. When the CPU asserts this
input, it indicates that the DUART’s interrupt request is about
to be serviced, and that the very next cycle will be an Inter-
rupt Acknowledge Cycle. The DUART will respond to the
CPU’s Interrupt Acknowledge by placing the contents of the
Interrupt Vector Register (IVR) on the data bus (D0 - D7).
42
38
IP5
(TXCB)
I
Input 5 (I-Mode).
General Purpose Input pin. This pin can
also be configured to function as the external clock input for
the Transmitter of Channel B (TXCB).
42
38
IEO
(Z-Mode)
O
Interrupt Enable Output (Z-Mode).
Active High.
This output pin is normally “high”. However, either of the
following two conditions can cause this output pin to be ne-
gated (toggled “low”).
1. If the IEI (Interrupt Enable Input) pin is “low”. If IEO is
“low” because of the IEI pin, IEO will toggle “high” once
the IEI has toggled “high”.
2. The DUART has issued an Interrupt Request to the CPU
(-INTR pin is toggled “low”). If IEO is “low” because the
DUART has requested an Interrupt, then IEO will remain
“low”, throughout the Interrupt Service Routine, until the
CPU has invoked the “” command.
43
39
IP4
(RXCA)
I
Input 4 (I-Mode).
General Purpose Input pin. This input pin
can also be configured to function as the external clock input
for the Receiver of Channel A (RXCA).
43
39
IEI
(Z-Mode)
I
Interrupt Enable Input (Z-Mode).
Active High.
If this active-high input is at a logic “high”, the DUART is ca-
pable of generating all non-masked Interrupt Requests to the
CPU. If this input is at a logic “low”, the DUART is inhibited
from generating any Interrupt Requests to the CPU.
44
40
28
VCC
PWR
Most Positive Power Supply.


Similar Part No. - XR88C681CJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C681CJ EXAR-XR88C681CJ Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR88C681CJ EXAR-XR88C681CJ Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
XR88C681CJ EXAR-XR88C681CJ Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
More results

Similar Description - XR88C681CJ

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E981.07 ELMOS-E981.07 Datasheet
533Kb / 46P
   Two independent operating channels
logo
List of Unclassifed Man...
MCM-7312 ETC-MCM-7312 Datasheet
1Mb / 4P
   Four independent, RS-232-C, Full-duplex, Serial Communications Channels.
logo
ELMOS Semiconductor AG
E981.08 ELMOS-E981.08 Datasheet
557Kb / 47P
   Four independent operating channels
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BWZ AVAGO-AFBR-732BWZ Datasheet
434Kb / 22P
   12 independent channels per module
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
logo
Estek Electronics Co. L...
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
   two independent voltage comparators
logo
Vishay Siliconix
VS-UFB230FA60 VISHAY-VS-UFB230FA60 Datasheet
139Kb / 7P
   Two fully independent diodes
Revision: 31-May-16
VS-UFB280FA20 VISHAY-VS-UFB280FA20 Datasheet
277Kb / 8P
   Two fully independent diodes
Revision: 31-May-16
logo
Sanyo Semicon Device
LB8628PL SANYO-LB8628PL Datasheet
76Kb / 6P
   Two Saturated Drive Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com