Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHR-5N Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VHR-5N
Description  3.96mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VHR-5N Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VHR-5N Datasheet HTML 1Page - List of Unclassifed Manufacturers VHR-5N Datasheet HTML 2Page - List of Unclassifed Manufacturers VHR-5N Datasheet HTML 3Page - List of Unclassifed Manufacturers VHR-5N Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
VH CONNECTOR
Top entry type
Side entry type
Top entry type of PBT
Side entry type with PCB stabilizer
3.96
7.92
11.88
15.84
19.80
23.76
27.72
31.68
35.64
1,000
1,000
500
500
250
250
200
200
200
1,000
500
500
250
250
250
200
200
100
7.86
11.82
15.78
19.74
23.70
27.66
31.62
35.58
39.54
2
3
4
5
6
7
8
9
10
B2PS-VH
B3PS-VH
B4PS-VH
B5PS-VH
B6PS-VH
B7PS-VH
B8PS-VH
B9PS-VH
B10PS-VH
B2P-VH
B3P-VH
B4P-VH
B5P-VH
B6P-VH
B7P-VH
B8P-VH
B9P-VH
B10P-VH
Circuits
Model No.
Dimensions (mm)
Q'ty / box
AB
Top entry
type
Side entry
type
Top entry
type
Side entry
type
Post: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 66 UL94V-0, natural (white)
Material and Finish
A
B
14.6
7.7
3.2
(9.4)
Circuit No.1
H JST
18
H JST
18
A
B
14.9
7.7
3.2
(9.4)
1.14
3.96
Circuit No.1
B
(14.6)
7.7
3.2
(9.4)
A
(1.95)
(1.95)
Circuit No.1
B
(9.4)
4.5
7.7
13.4
A
Circuit No.1
3.96
7.92
11.88
15.84
19.80
23.76
27.72
31.68
35.64
39.60
1,000
1,000
500
500
250
250
200
200
200
200
1,000
500
500
250
250
250
7.86
11.82
15.78
19.74
23.70
27.66
31.62
35.58
39.54
43.50
2
3
4
5
6
7
8
9
10
11
S2P-VH
S3P-VH
S4P-VH
S5P-VH
S6P-VH
S7P-VH
B2P-VH-B
B3P-VH-B
B4P-VH-B
B5P-VH-B
B6P-VH-B
B7P-VH-B
B8P-VH-B
B9P-VH-B
B10P-VH-B
B11P-VH-B
Circuits
Model No.
Dimensions (mm)
Q'ty / box
AB
Top entry
type of
PBT
Top
entry
type
Side
entry
type
Side entry
type with
PCB stabilizer
Post: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: Top entry type of PBT: Glass-filled PBT, UL94V-0, natural (white)
Side entry type with PCB stabilizer: PA 66, UL94V-0, natural (white)
Material and Finish
RoHS compliance This product displays (LF)(SN) on a label.
Note: Headers with a reduced number of posts are also available.
Contact JST for details.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2P(S)-VH-oo-
(blank)…natural (white)
BK…black R…red TR…tomato red BL…blue M…green
O…orange Y…yellow PK…pink H…gray
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
<Top entry type of PBT>
ex.
B2P-VH-B-oo-
(blank)…natural (white)
C…black R…red E…blue M…green Y…yellow
<Side entry type with PCB stabilizer>
ex.
S2P-VH-oo-
(blank)…natural (white)
BK…black R…red BL…blue Y…yellow M…green
Locking header


Similar Part No. - VHR-5N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VHR-5N ETC2-VHR-5N Datasheet
118Kb / 4P
   3.96mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - VHR-5N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VHR-7N ETC2-VHR-7N Datasheet
118Kb / 4P
   3.96mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com