Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHR-2N Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VHR-2N
Description  3.96mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VHR-2N Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VHR-2N Datasheet HTML 1Page - List of Unclassifed Manufacturers VHR-2N Datasheet HTML 2Page - List of Unclassifed Manufacturers VHR-2N Datasheet HTML 3Page - List of Unclassifed Manufacturers VHR-2N Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
B
A
9.7
1.14
Circuit No.1
B
A
3.96
9.7
1.14
Circuit No.1
3.96
7.92
11.88
15.84
19.80
23.76
27.72
31.68
35.64
250
200
150
200
200
100
100
100
125
9.80
13.76
17.72
21.68
25.64
29.60
33.56
37.52
41.48
2
3
4
5
6
7
8
9
10
B2P-VH-FB-B
B3P-VH-FB-B
B4P-VH-FB-B
B5P-VH-FB-B
B6P-VH-FB-B
B7P-VH-FB-B
B8P-VH-FB-B
B9P-VH-FB-B
B10P-VH-FB-B
Circuits
Model No.
Dimensions (mm)
AB
Material and Finish
Q'ty / box
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PBT, UL94V-0, natural (white)
(2 , 3 circuits)
(4 to 10 circuits)
RoHS compliance This product displays (LF)(SN) on a label.
Note: The applicable housing for 2 circuits shrouded header is "VHR-2N" only.
"VHRR-2N" is not applicable.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2P-VH-FB-B-oo-
(blank)…natural (white)
R…red C…black E…blue M…green Y…yellow O…orange
H…gray PK…pink
Shrouded header
VH CONNECTOR


Similar Part No. - VHR-2N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VHR-2N ETC2-VHR-2N Datasheet
118Kb / 4P
   3.96mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - VHR-2N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VHR-7N ETC2-VHR-7N Datasheet
118Kb / 4P
   3.96mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com