Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMCL002AWP-150 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AMMCL002AWP-150
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL002AWP-150 Datasheet(HTML) 2 Page - Advanced Micro Devices

  AMMCL002AWP-150 Datasheet HTML 1Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 2Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 3Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 4Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 5Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 6Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 7Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 8Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
AmMCL00XA
PR EL IMIN A R Y
interoperable small-form-factor memory card standard.
For more information on the Miniature Card specifica-
t i on,
visit
t he
PC MC I A
w e b
si te
at
http://www.pc-card.com.
AMD Flash Miniature Cards can be read in either a
byte-wide or word-wide mode, which allows for flexible
integration into various system platforms. Compatibility
is assured at the hardware interface and software inter-
change specification.
The Miniature Card is also designed with low-cost and
rugged handling in mind. The card contains virtually no
control logic, which keeps cost and power consumption
to a minimum. The Miniature Card is packaged in a
sonic welded, stainless steel case that guarantees
durability, provides good ESD protection and ease of
handling.
The Miniature Card has extensive third-party support,
including socket and connector solutions, software
support from the major FTL software vendors, and
PCMCIA adapter solutions and programmer support.
AMD's Miniature Flash cards can be used for both code
and data storage. Since fast random access is pos-
sible, code can be directly executed from the card,
reducing the amount of system RAM required. In addi-
tion. AMD’s Flash technology offers unsurpassed
endurance, data retention and reliability, eliminating
the need for complex error correction and defect man-
agement hardware and software. Each Flash sector
provides a minimum of 100,000 cycles, and a typical
card life of one million or more cycles.
For more information, please contact your local AMD
sal e s
o f fice
or
visit
our
W eb
site
at
http://www.amd.com/html/products/nvd/nvd.html.
DEFINITIONS
Table 1 lists the terms and definitions that may be used
in conjunction with Miniature Card specifications.
Table 1.
Miniature Card Definitions
Term
Meaning
AIS
Acronym for Attribute Information Structure. AIS is a Miniature Card specification for storing
Miniature Card attribute information.
ESD
Acronym for Electrostatic Discharge. ESD is part of the Miniature Card physical test.
FAT
Acronym for File Allocation Table. Using an FAT is a common method for managing files in a
DOS-based system.
Flash
A type of non-volatile memory that is both readable and writeable, but requires the media to
be erased before it is rewritten.
Host
Any system that incorporates a Miniature Card socket.
Insertion, Cold
User Perception: Insertion of the Miniature Card when the host is off.
Host State: The host would be either off or in sleep mode, no bus activity is occurring, the
host is non-operational by the user. The user inserts the Miniature Card and then presses a
button to turn the host on before the system is operational.
Insertion, Hot
User Perception: Insertion of a Miniature Card when the host is running.
Host State: The host would be in running mode, bus activity is occurring, the host is
operational by the user. The user inserts the card, the host recognizes it, and the host
continues to be operational. Note: Hot insertion may require buffering on the host system for
proper operation.
Insertion, Pseudo Hot
User Perception: Insertion of a Miniature Card when the host is running.
Host State: The host would be in running mode, bus activity is occurring, the host is
operational by the user. The user inserts the card, the host immediately powers off before the
Miniature Card makes contact with the host’s internal bus. The user would then need to press
a button to turn the host on for it to become operational.
Interface Signals
Miniature Card signals that make connection through the 60-pad connector area.
JEDEC
Acronym for Joint Electronic Device Engineering Council.
Miniature Card Backside
The side of the Miniature Card that contains the latching mechanism. The backside is
opposite the frontside.
Miniature Card Bottomside
The side of the Miniature Card that contains the interface signals. The bottomside is opposite
the topside.


Similar Part No. - AMMCL002AWP-150

ManufacturerPart #DatasheetDescription
logo
Amphenol RF.
AMMC RF-AMMC Datasheet
87Kb / 2P
   Ultraminiature Product Series
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-2008 AVAGO-AMMC-2008 Datasheet
224Kb / 7P
   DC??0 GHz SPDT Switch
logo
Broadcom Corporation.
AMMC-2008 BOARDCOM-AMMC-2008 Datasheet
224Kb / 7P
   DC??0 GHz SPDT Switch
AMMC-2008-W10 BOARDCOM-AMMC-2008-W10 Datasheet
224Kb / 7P
   DC??0 GHz SPDT Switch
AMMC-2008-W50 BOARDCOM-AMMC-2008-W50 Datasheet
224Kb / 7P
   DC??0 GHz SPDT Switch
More results

Similar Description - AMMCL002AWP-150

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMMC0XXA AMD-AMMC0XXA Datasheet
182Kb / 39P
   2, 4, or 8 Megabyte 5.0 Volt-only Flash Miniature Card
logo
ATMEL Corporation
AT45DCB008D ATMEL-AT45DCB008D_06 Datasheet
84Kb / 5P
   8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DCB008D ATMEL-AT45DCB008D_08 Datasheet
96Kb / 5P
   8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
logo
Advanced Micro Devices
AMC0XXDFLKA AMD-AMC0XXDFLKA Datasheet
157Kb / 46P
   4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
logo
ATMEL Corporation
AT45DCB004 ATMEL-AT45DCB004 Datasheet
86Kb / 4P
   8-megabyte 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DCB008 ATMEL-AT45DCB008_06 Datasheet
84Kb / 5P
   8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
logo
Advanced Micro Devices
AMC0XXCFLKA AMD-AMC0XXCFLKA Datasheet
273Kb / 42P
   1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
logo
ATMEL Corporation
AT26DF041 ATMEL-AT26DF041 Datasheet
553Kb / 20P
   4-MEGABIT 3.0-VOLT ONLY OR 2.7-VOLT ONLY SERIAL FIRMWARE DATAFLASH-R
AT5FC002 ATMEL-AT5FC002 Datasheet
715Kb / 15P
   2-Megabyte Flash Memory PCMCIA Card
AT45DCB004C ATMEL-AT45DCB004C_06 Datasheet
82Kb / 5P
   4-megabyte 2.7-volt DataFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com