Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC3502N Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # KBPC3502N
Description  SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

KBPC3502N Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  KBPC3502N Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD KBPC3502N Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
1.0
1.0
140
FIG.6-MAXIMUM POWER DISSIPATION
REVRESE VOLTAGE,(V)
10
0.1
1.0
10
100
AVERAGE OUTPUT CURRENT,
0
10
0
5
15
20
25
30
Load
35
f=1MHz
=50mV
T =25 ° C
FIG.5-TYPICAL JUNCTION CAPACITANCE
j
sig
V
100
1000
p-p
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.01
0.1
Pulse Width=300uS
1%Duty Cycle
T =25 ° C
j
100
60
40
20
80
j j max
Capacitive
T =T
Load
or
Inductive
Resistive
0.01
0
0.1
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
80
20
40
60
100
120
T =25 ° C
j
FIG.2-MAXIMUM NON-REPETITIVE PEAK
100
FIG.3-TYPICAL FORWARD CHARACTERISTICS
PER BRIDGE ELEMENT
CASE TEMPERATURE, ( ° C)
10
100
Single Phase
Inductive or Resistive
Half Wave 60Hz
0
0
Load
10
20
35
30
50
150
AL.Finned Plate
Heat Sink Mounting
9"X 3.5"X 4.6" Thick
(23 X 9 X 11.8cm)
NUMBER OF CYCLES AT 60 Hz
FIG.4-TYPICAL REVERSE
10
100
T =100 ° C
j
CHARACTERISTICS
1 Cycle
100
0
2
1
300
200
500
400
700
600
6
4
8 10
40
20
60
(JEDEC Method)
=T
8.3ms Single Half Sine-Wave
j
T
j max
OUTPUT RECTIFIED CURRENT
FIG.1-DERATING CURVE FOR
FORWARD SURGE CURRENT PER ELEMENT
175
125
100
75
25
PER BRIDGE ELEMENT
PER BRIDGE ELEMENT
(A)
KPC35005N-3510N
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - KBPC3502N

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
KBPC3502N MIC-KBPC3502N Datasheet
104Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
KBPC3502N PFS-KBPC3502N Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
MIC GROUP RECTIFIERS
KBPC3502NW MIC-KBPC3502NW Datasheet
103Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
KBPC3502NW PFS-KBPC3502NW Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC3502NW PFS-KBPC3502NW Datasheet
217Kb / 2P
   l High forward surge current capability
More results

Similar Description - KBPC3502N

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com