Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6702-CZCA-0000 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 6702-CZCA-0000
Description  Pressure & Vacuum Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6702-CZCA-0000 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  6702-CZCA-0000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6702-CZCA-0000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 6702-CZCA-0000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 6702-CZCA-0000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 6702-CZCA-0000 Datasheet HTML 5Page - List of Unclassifed Manufacturers 6702-CZCA-0000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 6702-CZCA-0000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 6702-CZCA-0000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 6702-CZCA-0000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
6702 ~ High Pressure Switch
1999
FOR FURTHER INFORMATION TEL: +44 (0)1284 701422 FAX: +44 (0)1284 753112
ISSUE 01
As a consequence of our policy of continual improvement, we reserve the right to change without notice any detail in this publication. Please see our Conditions of Sale.
6702 Pressure Switch
The industrial pressure switch is moulded entirely in plastic with the
exception of the pressure connection and is water, oil and dust proof to
IP65. The switches have excellent repeat accuracy, even over widely
varying ambient conditions.
The operating pressure is adjustable externally using the thumb screw on
the top and the approximate pressure setting can be seen through a window
in the cover. To discourage unauthorised tampering, the adjusting screw can
be locked in position with an M1.5mm Allen screw.
The microswitches have independent vernier adjustment and are normally
set to operate within 2 PSI on rising pressure. Where two pressure levels
are to be controlled, the switches can be adjusted separately so that one
switch will operate at up to 80% of the level of the second. The switches can
also be set to operate simultaneously on falling pressure instead of rising
pressure.
The pressure switch is of Class II construction with double insulation.
For quantity orders, many special options are available, please enquire:-
y
Single or double pole switching set to specific pressure levels
y
Alternative connector sizes
y
Alternative diaphragms and metal chambers to resist particular fluids
y
Installation and setting instructions are supplied with each product
Withstand pressure
500 PSI (34.5 Bar)
Setting accuracy when set by herga
± 10%
Temperature range
-5˚C to +70˚C
Diaphragm
Fabric reinforced Nitrile
Weight
300g
Other Information
Acetone
Ammonia (Liquid)
Amyl Alcohol to 20˚C
Automotive Brake Fluid
Beer
Butane

Carbon Dioxide (Dry)

Citric Acid

Copper Sulphate (Sol.)
Compressed Air

Cutting Oil

Diesel Oil

Detergent Solution

Fuel Oil

Glycol

Hydraulic Oil

Hydrogen

Lubricating Oil

Milk
Mineral Oil

Natural Gas

Oxygen to 70˚C

Petrol

Plating Solution (Chrome)
Salt Water
Sewage

Turpentine

Vinegar
Water











Suitability for use with different operating media
Pressure Medium
6702
Silver Contact Microswitch Data
Average Life
Expectancy
Mechanical
1.0 x 106
2.0 x 105 @ 10A 1.0 x 104 @ 21A
Max. Electrical Load
Electrical Rating
Electrical
Voltage
Res.
Ind.
(Pf 0.75 Motor)
AC
250V
250V
125V
6V
12V
24V
60V
110V
220V
21A
15A
8A
1A
0.5A
0.25A
21A
15A
7A
0.5A
0.2A
0.1A
21A
21A
21A
8A
1HP
2HP
DC
Gold Contact Microswitch Data
Average Life
Expectancy
Mechanical
1.0 x 1.06
2.0 x 105 @ 10A 1.0 x 104 @ 21A
Max. Electrical Load
Electrical Rating
Electrical
Voltage
Res.
Ind.
(Pf 0.75 Motor)
AC
UL/CSA Only
250V
125V
0.1A
0.1A
0.05
-----
N/A
-----
Switch Standards:
EN 60730, EN 61058 and UL 508
Approvals Available:
CE, BEAB, CSA, DEMCO, IMQ, KEMA, NEMCO,
OVE, SEMCO, SET I, SEV, UL, VDE
 = Recommended
= Suitable with modifications
Note: Dry Switching - if switching low power circuits, low current (4 to
100 milliamperes) and low voltage (below 30V), consult herga or refer
to gold contact in section 4 of the opposite page.
Herga do not accept liability for any pressure operated device used
outside the pressure range specified by the company.

Note: differentials are approximate


Similar Part No. - 6702-CZCA-0000

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
6702-RC BOURNS-6702-RC Datasheet
94Kb / 1P
   High Current Toroid Inductors (with header)
More results

Similar Description - 6702-CZCA-0000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
81513552 ETC1-81513552 Datasheet
1Mb / 6P
   Pressure switches - Vacuum
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com