Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3F-5051 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # B3F-5051
Description  A Wide Range of Models: 6 x 6 mm, 12 x 12 mm, Vertical and High-force.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B3F-5051 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  B3F-5051 Datasheet HTML 1Page - List of Unclassifed Manufacturers B3F-5051 Datasheet HTML 2Page - List of Unclassifed Manufacturers B3F-5051 Datasheet HTML 3Page - List of Unclassifed Manufacturers B3F-5051 Datasheet HTML 4Page - List of Unclassifed Manufacturers B3F-5051 Datasheet HTML 5Page - List of Unclassifed Manufacturers B3F-5051 Datasheet HTML 6Page - List of Unclassifed Manufacturers B3F-5051 Datasheet HTML 7Page - List of Unclassifed Manufacturers B3F-5051 Datasheet HTML 8Page - List of Unclassifed Manufacturers B3F-5051 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
767
Text
766
Text
Tactile Switch – B3F
Four,
1
±0.05 d
3.5 dia.
2.4
×2.4±0.1
4
2
3
1
4.5
±0.1
6.5
±0.1
6.5
±0.5
7.7
±0.5
0.7
0.7
4.5
±0.2
3.4
0.3
(1.8)
0.5 max.
6
±0.2
6
±0.2
9.5
3.5
3.5 dia.
3
dia.
B3F-1070, B3F-1072-N, B3F-1075, B3F-1072-G
Four, 1
±0.05 dia.
Horizontal, Flat Plunger Type
(without Ground Terminal)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Interna
Connections (Top View)
Horizontal, Projected Plunger Type
(without Ground Terminal)
B3F-1050, B3F-1052, B3F-1055, B3F-1056
B3F-1052-G
B3F-1150, B3F-1152, B3F-1155
2.4
×2.4±0.1
3.5 dia.
Five,
1
±0.05 dia.
Vertical, Projected Plunger Type
B3F-3150, B3F-3152, B3F-3155
3.5 dia.
Two, 1.5
±0.05 dia.
Two,
1
±0.05 dia.
2.4
×2.4±0.1
Vertical, Flat Plunger Type
B3F-3100, B3F-3102, B3F-3105
3.5 dia.
Two, 1.5
±0.05 dia.
Two, 1
±0.05 dia.
Horizontal, Projected Plunger Type
(with Ground Terminal)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
Vertical, Flat Plunger Type (Height: 3.85 mm)
B3F-3120, B3F-3122, B3F-3125, B3F-3122-G
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
3.5 dia.
Two, 1.5
±0.05 dia.
Two,
1
±0.05 dia.
0.3
Tactile Switch – B3F
3.5 dia.
Four
1
±0.05 dia.
B3F-1100, B3F-1102, B3F-1105
B3F-1120 (See note.), B3F-1122 (See note.)
B3F-1125 (See note.) B3F-1102-G, B3F-1122-G (see note.)
3.5 dia.
Five,
1
±0.05 dia.
3.5 dia.
1
±0.05 dia.
Four,
1.2
±0.05 dia.
B3F-1060, B3F-1062, B3F-1062-G
6.5
±0.5
7.7
±0.5
0.7
0.7
4
2
3
1
4.5
±0.2
3.5 dia.
4.5
±0.1
3.4
0.3
(1.8)
0.5 max.
6
±0.2
6.5
±0.1
6
±0.2
7
±0.2
3.5
Four,
1
±0.05 dia.
Horizontal, Flat Plunger Type(with
Ground Terminal, Pitch: 6.5 mm)
Terminal Arrangement
/Internal Connections (Top View)
Horizontal, Flat Plunger Type
(without Ground Terminal)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
*The height of B3F-1120, B3F-1122
B3F-1122-G and B3F-1125 is 5
±0.2 mm.
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement
/Internal Connections
(Top View)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
*
*
*The height of B3F-1020, B3F-1022, B3F-1022-G,
B3F-1025 and B3F-1026 is 5
±0.2 mm.
B3F-1000, B3F-1002, B3F-1005, B3F-1006
B3F-1020 (See note.), B3F-1022 (See note.),
B3F-1025 (See note.), B3F-1026 (See note.)
B3F-1002-G, B3F-1022-G (see note.)
Horizontal, Flat Plunger
Type(without Ground Terminal)
Horizontal, Flat Plunger Type
(with Ground Terminal, Pitch: 7.5 mm)
B3F-1110
PCB Mounting (Top View)
0.3
Dimensions
Note 1. All units are in millimetres unless otherwise indicated. Unless otherwise specified, a tolerance of ±0.4 mm applies to all
dimensions.
2. No terminal numbers are indicated on the Switches. The numbers used for terminals in the following graphics are
indicated in the “Bottom View” diagram below. In this diagram, the Switch is rotated so that the terminals are on
the right and left-hand sides, and the OMRON logo appears the right way up.
(Bottom View)
3
1
4
2
6 x 6 mm Models
Omron 08 Cat 565-773
5/10/07
15:58
Page 766


Similar Part No. - B3F-5051

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F-5051 OMRON-B3F-5051 Datasheet
328Kb / 5P
   Mechanical Key Switch
B3F-5051 OMRON-B3F-5051 Datasheet
1Mb / 12P
   Tactile Switch
B3F-5051S OMRON-B3F-5051S Datasheet
328Kb / 5P
   Mechanical Key Switch
More results

Similar Description - B3F-5051

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
Weidmuller
2007200000 WEIDMULLER-2007200000 Datasheet
837Kb / 8P
   WS 12/6 MM WS
October 18, 2021
logo
GREATECS
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
   Standard 12 x 12 mm Tactile Switches
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
   Standard 6 x 6 mm Tactile Switches
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
   6 x 6 mm Washable Tactile Switches
logo
Schneider Electric
LJB12606 SCHNEIDER-LJB12606 Datasheet
57Kb / 2P
   WIREWAY 12 x 6 - N12 - 6 in lg
logo
Thorlabs, Inc.
TPS6 THORLABS-TPS6 Datasheet
123Kb / 1P
   24" x 12" (610 mm x 305 mm) LASER SAFETY SCREEN
14/OCT/10
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
GREATECS
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
   6 x 3.5 mm Tactile Switches
logo
PHOENIX CONTACT
3200328 PHOENIX-3200328 Datasheet
73Kb / 3P
   A 6 -12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com