Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC1XGJERI00010G Datasheet(PDF) 6 Page - OPLINK Communications Inc.

Part # TPC1XGJERI00010G
Description  CWDM 40km SFP Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPC1XGJERI00010G Datasheet(HTML) 6 Page - OPLINK Communications Inc.

  TPC1XGJERI00010G Datasheet HTML 1Page - OPLINK Communications Inc. TPC1XGJERI00010G Datasheet HTML 2Page - OPLINK Communications Inc. TPC1XGJERI00010G Datasheet HTML 3Page - OPLINK Communications Inc. TPC1XGJERI00010G Datasheet HTML 4Page - OPLINK Communications Inc. TPC1XGJERI00010G Datasheet HTML 5Page - OPLINK Communications Inc. TPC1XGJERI00010G Datasheet HTML 6Page - OPLINK Communications Inc. TPC1XGJERI00010G Datasheet HTML 7Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
S0218. Rev.02. 2011-05-26
6
TPC1XGJERxG
Oplink Communications, Inc
Package Outline
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s Sales and
Marketing for your requirements and ordering information (510) 933-7200 or Sales@oplink.com.
Dimensions in [inches] mm
Millimeters are the primary units.
Tolerances are in accordance with
SFF-8432 Rev.5
Model Name
Operating Temperature
Center
Wavelength
Distance
Oplink Part Number
TPC1XGJERC00010G
- 5°C to +70°C
Commercial
1471nm
40km
TPC1XGJERC00020G
- 5°C to +70°C
Commercial
1491nm
40km
TPC1XGJERC00030G
- 5°C to +70°C
Commercial
1511nm
40km
TPC1XGJERC00040G
- 5°C to +70°C
Commercial
1531nm
40km
TPC1XGJERC00050G
- 5°C to +70°C
Commercial
1551nm
40km
TPC1XGJERC00060G
- 5°C to +70°C
Commercial
1571nm
40km
TPC1XGJERC00070G
- 5°C to +70°C
Commercial
1591nm
40km
TPC1XGJERC00080G
- 5°C to +70°C
Commercial
1611nm
40km


Similar Part No. - TPC1XGJERI00010G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPC1XGJERI00010G OPLINK-TPC1XGJERI00010G Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
More results

Similar Description - TPC1XGJERI00010G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPC1XGJERXG OPLINK-TPC1XGJERXG Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERXX-S0217 OPLINK-TPD1XGJERXX-S0217 Datasheet
347Kb / 9P
   DWDM 40km SFP Transceivers
TPP7XGJERC000E2G OPLINK-TPP7XGJERC000E2G Datasheet
479Kb / 6P
   1550nm 40km SFP Transceivers
S0260-TPC1XGKZRXG OPLINK-S0260-TPC1XGKZRXG Datasheet
345Kb / 6P
   CWDM 70km SFP Transceivers
TPC1XGKZRXG OPLINK-TPC1XGKZRXG Datasheet
513Kb / 7P
   CWDM 70km SFP Transceivers
logo
MRV Communications, Inc...
SFP-GDCWXD MRV-SFP-GDCWXD Datasheet
107Kb / 5P
   Gigabit Ethernet CWDM SFP Transceivers
logo
OPLINK Communications I...
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
DTR-2488-SM-LC-W-G-CWDM OPLINK-DTR-2488-SM-LC-W-G-CWDM Datasheet
191Kb / 6P
   CWDM Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com