Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-65966 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PE-65966
Description  T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-65966 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PE-65966 Datasheet HTML 1Page - Pulse A Technitrol Company PE-65966 Datasheet HTML 2Page - Pulse A Technitrol Company PE-65966 Datasheet HTML 3Page - Pulse A Technitrol Company PE-65966 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
T3/DS3/E3/STS-1
TRANSFORMERS
Designed for T3, DS3, E3 and
STS-1 Interfaces
C
3
1
4
6
2
D
6
2
5
1
4
E
3
1
4
6
1S
5
6
1
2
1
2
3
6
54
PE-XXXXX
DATE CODE
.245 MAX
6,23
.130
3,30
.100
2,54
.200
5,08
.300 MAX
7,62
.275 MAX
7,00
.300
7,62
Leads are:
.010 (0,25) X .020 (0,51)
solderable.
6
2
5
1
A
Notes: Leads are 24 AWG solderable.
Unused pins not provided.
.250
MAX
6,35
.130
3,30
.200
5,08
.100
2,54
5
3
1
6
4
2
PE-6XXXX
Date Code
.350
MAX
8,89
.500
MAX
12,70
.400
10,16
Dimensions: Inches
mm
Unless otherwise specified all tolerances are ±.010
0,25
Dimensions: Inches
mm
Unless otherwise specified all tolerances are ±.010
0,25
Mechanical
Schematics
LC-1
HC-1
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
3
T606.C (11/07)


Similar Part No. - PE-65966

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
PE-65966 EXAR-PE-65966 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Pulse A Technitrol Comp...
PE-65966 PULSE-PE-65966 Datasheet
115Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
PE-65966 PULSE-PE-65966 Datasheet
154Kb / 8P
   TRANSFORMERS
PE-65966NL PULSE-PE-65966NL Datasheet
920Kb / 4P
   RoHS peak reflow temperature rating 245
PE-65966NL PULSE-PE-65966NL Datasheet
920Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS
More results

Similar Description - PE-65966

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-65661 PULSE-PE-65661 Datasheet
115Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Pulse A Technitrol Comp...
T3001 PULSE-T3001 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
T3020NL PULSE-T3020NL Datasheet
516Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3 / DS3 / E3 / STS-1 TRANSFORMERS
XF05061-2B XFMRS-XF05061-2B Datasheet
52Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Bothhand USA, LP.
S3002 BOTHHAND-S3002 Datasheet
75Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
S3020 BOTHHAND-S3020 Datasheet
78Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com