Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6B-2014P-FD-US-U Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # G6B-2014P-FD-US-U
Description  High Capacity and High Dielectric Strength Miniature Relay with Fully Sealed Construction in 5 A (8 A) SPST-NO (1a), SPST-NC (1b), DPST-NO (2a), DPST-NC (2b) Types
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6B-2014P-FD-US-U Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button G6B-2014P-FD-US-U Datasheet HTML 2Page - Omron Electronics LLC G6B-2014P-FD-US-U Datasheet HTML 3Page - Omron Electronics LLC G6B-2014P-FD-US-U Datasheet HTML 4Page - Omron Electronics LLC G6B-2014P-FD-US-U Datasheet HTML 5Page - Omron Electronics LLC G6B-2014P-FD-US-U Datasheet HTML 6Page - Omron Electronics LLC G6B-2014P-FD-US-U Datasheet HTML 7Page - Omron Electronics LLC G6B-2014P-FD-US-U Datasheet HTML 8Page - Omron Electronics LLC G6B-2014P-FD-US-U Datasheet HTML 9Page - Omron Electronics LLC G6B-2014P-FD-US-U Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
G6B
PCB Power Relay
G
6
B
■Approved Standards
• The approval rating values for overseas standards are different from the performance values determined individually. Confirm the
values before use.
UL Recognized:
(File No. E41643)
CSA Certified:
(File No. LR31928)
EN/IEC, TÜV Certified: (Registration No. R50158246)
Model
Contact
form
Coil
ratings
Contact ratings
Number of test
operations
G6B-1114P-US
G6B-1114P-FD-US
1
3 to 24
VDC
5 A, 250 VAC (General Use) at 80°C
6,000
5A, 30 VDC at 80°C
1/8HP, 250 VAC at 80°C
1,000
1/6HP, 250 VAC at 80°C
G6B-1174P-US
G6B-1174P-FD-US
1
3 to 24
VDC
8 A, 250 VAC (General Use) at 80°C
6,000
8 A, 30 VDC at 80°C
G6B-2114P(-FD)-US
G6B-2214P(-FD)-US
G6B-2014P(-FD)-US
2
3 to 48
VDC
5 A, 250 VAC (General Use) at 40°C
5 A, 30 VDC at 40°C
Model
Contact
form
Coil
ratings
Contact ratings
Number of test
operations
G6B-1114P-US
G6B-1114P-FD-US
1
3 to 24
VDC
5 A, 250 VAC (General Use) at 80°C
6,000
5A, 30 VDC at 80°C
1/6HP, 250 VAC at 80°C
1,000
360WT, 120 VAC at tungsten 80°C
G6B-1174P-US
G6B-1174P-FD-US
1
3 to 24
VDC
8 A, 250 VAC (General Use) at 80°C
6,000
8 A, 30 VDC at 80°C
G6B-2114P(-FD)-US
G6B-2214P(-FD)-US
G6B-2014P(-FD)-US
2
3 to 48
VDC
5 A, 250 VAC (General Use) at 40°C
5 A, 30 VDC at 40°C
Model
Contact
form
Coil
ratings
Contact ratings
Number of test
operations
G6B-1114P-US
1
3 to 48
VDC
5 A, 250 VAC (cos
φ = 1) at 70°C
20,000
2 A, 250 VAC (cos
φ = 0.4) at 70°C
5 A, 30 VDC (L/R = 0 ms) at 70°C
G6B-1174P-US
1
3 to 48
VDC
8 A, 250 VAC (cos
φ = 1) at 70°C
2 A, 250 VAC (cos
φ = 0.4) at 70°C
8 A, 30 VDC (L/R = 0 ms) at 70°C
G6B-2114P-US
G6B-2214P-US
G6B-2014P-US
2
3 to 48
VDC
5 A, 250 VAC (cos
φ = 1) at 70°C
1.5 A, 250 VAC (cos
φ = 0.4) at 70°C
5 A, 30 VDC (L/R = 0 ms) at 70°C


Similar Part No. - G6B-2014P-FD-US-U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6B-2014P-US ETC1-G6B-2014P-US Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
logo
Omron Electronics LLC
G6B-2014P-US OMRON-G6B-2014P-US Datasheet
611Kb / 10P
   Power PCB Relay
G6B-2014P-US OMRON-G6B-2014P-US Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
G6B-2014P-US OMRON-G6B-2014P-US Datasheet
542Kb / 9P
   Subminiature Relay that Switches up to 5 A
More results

Similar Description - G6B-2014P-FD-US-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6C-2114P-US-DC5 OMRON-G6C-2114P-US-DC5 Datasheet
594Kb / 12P
   SPST-NO Type Breaks 10-A Loads; SPST-NO SPST-NC Breaks 8-A Load
logo
ZETTLER Electronics
AZ881 ZETTLER-AZ881 Datasheet
59Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
AZ880 ZETTLER-AZ880 Datasheet
64Kb / 4P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
logo
American Zettler, Inc.
AZ881 AZETTLER-AZ881 Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
logo
ON Semiconductor
NLAS5213 ONSEMI-NLAS5213 Datasheet
139Kb / 11P
   1??RON DPST and Dual SPST Switches
January, 2009 ??Rev. 2
logo
American Zettler, Inc.
AZPRD AZETTLER-AZPRD Datasheet
437Kb / 3P
   SPST, DPST, SPDT, and DPDT versions available
logo
Intersil Corporation
DG426 INTERSIL-DG426 Datasheet
213Kb / 4P
   2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
logo
American Zettler, Inc.
AZ880 AZETTLER-AZ880 Datasheet
217Kb / 3P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ733W ZETTLER-AZ733W Datasheet
50Kb / 2P
   DPST MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ733W AZETTLER-AZ733W Datasheet
133Kb / 2P
   DPST MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com