Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJD2ZGK1R4T Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERJD2ZGK1R4T
Description  NTC Thermistors (Disc Type)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJD2ZGK1R4T Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERJD2ZGK1R4T Datasheet HTML 1Page - Panasonic Semiconductor ERJD2ZGK1R4T Datasheet HTML 2Page - Panasonic Semiconductor ERJD2ZGK1R4T Datasheet HTML 3Page - Panasonic Semiconductor ERJD2ZGK1R4T Datasheet HTML 4Page - Panasonic Semiconductor ERJD2ZGK1R4T Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Disc Type NTC Thermistors
Type:
ERTD
n Derating Curve for the NTC Thermistor
For the NTC Thermistor operated in ambient
derated in accordance with the right figure.
Ambient Temperature (˚C)
E
R
T
D
±
±
±
n Explanation of Part Numbers
n Features
l Excellent electrical and thermal stability
NTC Thermistors (Disc Type)
n Recommended Applications
l Temperature detection
l Temperature compensation for measuring
instruments
l Temperature compensation for deflection coil in TV
Disc type negative temperaturecoefficient thermistors.
Resistance values from 8 W to 150 kW and B Values
are from 3000 K to5000 K.
l Wide selection of temperature coefficients
temperature above 25 ûC, power rating should be
Rev.02/04


Similar Part No. - ERJD2ZGK1R4T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ PANASONIC-ERJ Datasheet
625Kb / 9P
   Anti-Surge Thick Film Chip Resistors
24-Feb-22
logo
NXP Semiconductors
ERJ--6GEYJ750V NXP-ERJ--6GEYJ750V Datasheet
1Mb / 25P
   Gallium Arsenide pHEMT RF Power Field Effect Transistor
Rev. 4, 8/2013
logo
Panasonic Semiconductor
ERJ-11YXXXX PANASONIC-ERJ-11YXXXX Datasheet
447Kb / 4P
   Thick Film Chip Resistors
ERJ-12NF PANASONIC-ERJ-12NF Datasheet
196Kb / 2P
   Surface Mount Chip Resistors
ERJ-12RQF PANASONIC-ERJ-12RQF Datasheet
196Kb / 2P
   Surface Mount Chip Resistors
More results

Similar Description - ERJD2ZGK1R4T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERTD PANASONIC-ERTD Datasheet
689Kb / 5P
   Disc Type NTC Thermistors
logo
AVX Corporation
ND06P00103K AVX-ND06P00103K Datasheet
224Kb / 10P
   NTC Disc Thermistors
NR55300299 AVX-NR55300299 Datasheet
102Kb / 7P
   NTC Leadless Disc Thermistors
logo
Vatronics Technologies ...
NTC5D-13 VATRONICS-NTC5D-13 Datasheet
144Kb / 5P
   NSP POWER TYPE NTC THERMISTORS
NTC5D13 VATRONICS-NTC5D13 Datasheet
144Kb / 5P
   NSP POWER TYPE NTC THERMISTORS
logo
List of Unclassifed Man...
MF58 ETC-MF58 Datasheet
130Kb / 1P
   HIGH ACCURACY NTC THERMISTORS TYPE
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com