Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6B-2014P-US-U Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G6B-2014P-US-U
Description  High Capacity and High Dielectric Strength Miniature Relay with Fully Sealed Construction in 5 A (8 A) SPST-NO (1a), SPST-NC (1b), DPST-NO (2a), DPST-NC (2b) Types
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6B-2014P-US-U Datasheet(HTML) 4 Page - Omron Electronics LLC

  G6B-2014P-US-U Datasheet HTML 1Page - Omron Electronics LLC G6B-2014P-US-U Datasheet HTML 2Page - Omron Electronics LLC G6B-2014P-US-U Datasheet HTML 3Page - Omron Electronics LLC G6B-2014P-US-U Datasheet HTML 4Page - Omron Electronics LLC G6B-2014P-US-U Datasheet HTML 5Page - Omron Electronics LLC G6B-2014P-US-U Datasheet HTML 6Page - Omron Electronics LLC G6B-2014P-US-U Datasheet HTML 7Page - Omron Electronics LLC G6B-2014P-US-U Datasheet HTML 8Page - Omron Electronics LLC G6B-2014P-US-U Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
G6B
PCB Power Relay
G
6
B
■Characteristics
Note 1. The values here are initial values.
2. The G6B-1177P(-FD)-ND model is flux-resistant. Do not wash it down with water.
*1.
The contact resistance was measured with 1 A at 5 VDC using a voltage-drop method.
*2.
Measurement conditions: The insulation resistance was measured with a 500 VDC megohmmeter at the same locations as the dielectric strength was
measured.(Except the location between set/reset coil)
*3.
This value was measured at a switching frequency of 120 operations/min.
Model
G6B-1114P-US
G6B-1114P-FD-US
G6B-1174P-US
G6B-1174P-FD-US
G6BU-1114P-US
G6BK-1114P-US
G6B
-1177P(-FD)-ND-US
G6B-2114P-US
G6B-2114P-FD-US
G6B-2214P-US
G6B-2214P-FD-US
G6B-2014P-US
G6B-2014P-FD-US
Item
Classification
Single-side stable
Single-winding
latching
Double-winding
latching
Built-in operation
indicator & surge
absorption diode
Single-side stable
Contact resistance *1
30 m
Ω max.
Operate (set) time
10 ms max.
Release (reset) time
10 ms max.
Min. set pulse width
15 ms (at 23°C)
Min. reset pulse width
15 ms (at 23°C)
Insulation resistance *2
1,000 M
Ω min.
Dielectric strength
Between coil and contacts
3,000 VAC, 50/60 Hz for 1 min
2,000 VAC,
50/60 Hz for 1 min
3,000 VAC, 50/60 Hz for 1 min
Between contacts of the same
polarity
1,000 VAC, 50/60 Hz for 1 min
Between contacts of different
polarity
2,000 VAC,
50/60 Hz for 1 min
Between set and reset coils
250 VAC,
50/60 Hz for 1 min
Impulse withstand voltage (between coil and contacts)
6 kV 1.2
× 50 μs
4.5 kV 1.2
× 50 μs
6 kV 1.2
× 50 μs
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.75 mm single amplitude (1.5 mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.75 mm single amplitude (1.5 mm double amplitude)
Shock resistance
Destruction
1,000 m/s2
Malfunction
100 m/s2
300 m/s2
100 m/s2
Durability
Mechanical
50,000,000 operations min. (at 18,000 operations/hr)
Electrical
100,000 operation min. (at 1,800 operations/hr under rated load)
Failure rate (P level) (reference value) *3
10 mA at 5 VDC
Ambient operating temperature
-25°C to 70°C (with no icing or condensation)
Ambient operating humidity
5% to 85%
Weight
Approx. 3.5 to 4.6 g
Approx. 3.5 g
Approx. 3.7 g
Approx. 5.4 g
Approx. 4.5 g


Similar Part No. - G6B-2014P-US-U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6B-2014P-US ETC1-G6B-2014P-US Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
logo
Omron Electronics LLC
G6B-2014P-US OMRON-G6B-2014P-US Datasheet
611Kb / 10P
   Power PCB Relay
G6B-2014P-US OMRON-G6B-2014P-US Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
G6B-2014P-US OMRON-G6B-2014P-US Datasheet
542Kb / 9P
   Subminiature Relay that Switches up to 5 A
More results

Similar Description - G6B-2014P-US-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6C-2114P-US-DC5 OMRON-G6C-2114P-US-DC5 Datasheet
594Kb / 12P
   SPST-NO Type Breaks 10-A Loads; SPST-NO SPST-NC Breaks 8-A Load
logo
ZETTLER Electronics
AZ881 ZETTLER-AZ881 Datasheet
59Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
AZ880 ZETTLER-AZ880 Datasheet
64Kb / 4P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
logo
American Zettler, Inc.
AZ881 AZETTLER-AZ881 Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
logo
ON Semiconductor
NLAS5213 ONSEMI-NLAS5213 Datasheet
139Kb / 11P
   1??RON DPST and Dual SPST Switches
January, 2009 ??Rev. 2
logo
American Zettler, Inc.
AZPRD AZETTLER-AZPRD Datasheet
437Kb / 3P
   SPST, DPST, SPDT, and DPDT versions available
logo
Intersil Corporation
DG426 INTERSIL-DG426 Datasheet
213Kb / 4P
   2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
logo
American Zettler, Inc.
AZ880 AZETTLER-AZ880 Datasheet
217Kb / 3P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ733W ZETTLER-AZ733W Datasheet
50Kb / 2P
   DPST MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ733W AZETTLER-AZ733W Datasheet
133Kb / 2P
   DPST MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com