Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQ1P-6V-F Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # JQ1P-6V-F
Description  1a/1c 5A/10A small power relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JQ1P-6V-F Datasheet(HTML) 5 Page - Panasonic Semiconductor

  JQ1P-6V-F Datasheet HTML 1Page - Panasonic Semiconductor JQ1P-6V-F Datasheet HTML 2Page - Panasonic Semiconductor JQ1P-6V-F Datasheet HTML 3Page - Panasonic Semiconductor JQ1P-6V-F Datasheet HTML 4Page - Panasonic Semiconductor JQ1P-6V-F Datasheet HTML 5Page - Panasonic Semiconductor JQ1P-6V-F Datasheet HTML 6Page - Panasonic Semiconductor JQ1P-6V-F Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JQ
ASCTB185E 201202-T
DIMENSIONS (mm inch)
4.-(1) Ambient temperature characteristics
(1 Form A type)
Tested sample: JQ1aP-24V-F
Contact carrying current: 5 A, 10 A
4.-(2) Ambient temperature characteristics
(1 Form C type)
Tested sample: JQ1P-24V-F
Contact carrying current: 5 A, 10 A
1 Allowable ambient temperature against
% coil voltage (max. inside the coil temperature
set as 130
°C 266°F) (Carrying current: 5 A)
2 Allowable ambient temperature against
% coil voltage (max. inside the coil temperature
set as 130
°C 266°F) (Carrying current: 10 A)
3 Allowable ambient temperature against
% coil voltage (max. inside the coil temperature
set as 115
°C 239°F) (Carrying current: 5 A)
4 Allowable ambient temperature against
% coil voltage (max. inside the coil temperature
set as 115
°C 239°F) (Carrying current: 10 A)
5 Pick-up voltage with a hot-start condition
of 100%V on the coil (Carrying current: 10 A)
6 Pick-up voltage with a hot-start condition
of 100%V on the coil (Carrying current: 5 A)
7 Pick-up voltage
20
30
40
50
60
70
80
90
0
100
200
300
400
Ambient temperature,
°C
1
5
4
7
6
3
2
20
30
40
50
60
70
80
90
0
100
200
300
400
Ambient temperature,
°C
1
5
7
6
2
3
4
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
External dimensions
1 Form A
1 Form C
20
15.6
4.2
0.4
10.16
7.62
7.62
7.62
10
0.3
0.3
0.5 dia.
0.8
.787
.614
.165
.016
.400
.300
.300
.300
.394
.012
.012
.020 dia.
.031
4.2
0.4
20
15.6
10.16
5.08
.200
2.54
7.62
7.62
0.3
0.3
0.3
0.5 dia.
0.8
10
.165
.016
.787
.614
.400
.100
.300
.300
.012
.012
.012
.020 dia.
.031
.394
Schematic (Bottom view)
1 Form A
1 Form C
Coil
COM
N.O.
Coil
COM
N.O.
N.C.
PC board pattern (Bottom view)
1 Form A1FormC
Tolerance:
±0.1 ±.004
4-1.3 dia.
7.62
7.62
10.16
4-.051 dia.
.300
.300
.400
5-1.3 dia.
7.62
7.62
10.16
2.54
5-.051 dia.
.300
.300
.400
.100
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 5mm .197 inch:
Min. 5mm .197 inch:
General tolerance
±0.2 ±.008
±0.3 ±.012
±0.4 ±.016


Similar Part No. - JQ1P-6V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1P-6V-F PANASONIC-JQ1P-6V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays Class B coil insulation type also available.
More results

Similar Description - JQ1P-6V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays
JQ1A-5V-F PANASONIC-JQ1A-5V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays Class B coil insulation type also available.
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
   1a/1c 10A cubic type power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com