Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA211 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA211
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA211 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA211 Datasheet HTML 3Page - Texas Instruments INA211 Datasheet HTML 4Page - Texas Instruments INA211 Datasheet HTML 5Page - Texas Instruments INA211 Datasheet HTML 6Page - Texas Instruments INA211 Datasheet HTML 7Page - Texas Instruments INA211 Datasheet HTML 8Page - Texas Instruments INA211 Datasheet HTML 9Page - Texas Instruments INA211 Datasheet HTML 10Page - Texas Instruments INA211 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Time(100ms/div)
2V
PP OutputSignal
10mV
InputSignal
PP
Time(50ms/div)
CommonVoltageStep
OutputVoltage
0V
0V
Frequency(Hz)
100
10
1
10
100
1k
100k
10k
V = 2.5V
±
S
V
=0V
REF
V ,V
=0V
IN-
IN+
INA213
INA214
INA212
INA211
INA210
Time(1s/div)
V = 2.5V
±
S
V
=0V
CM
V
=0V
DIF
V
=0V
REF
Temperature( C)
°
35
30
25
20
15
10
5
0
-50
-25
150
0
25
50
75
100
125
Temperature( C)
°
100
90
80
70
60
50
40
30
20
10
0
-50
-25
150
0
25
50
75
100
125
INA210, INA211
INA212, INA213
INA214
www.ti.com
SBOS437E – MAY 2008 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS (continued)
The INA210 is used for typical characteristics at TA = +25°C, VS = +5V, VIN+ = 12V, and VREF = VS/2, unless otherwise noted.
INPUT BIAS CURRENT
QUIESCENT CURRENT
vs TEMPERATURE
vs TEMPERATURE
Figure 13.
Figure 14.
INPUT-REFERRED VOLTAGE NOISE
0.1Hz to 10Hz VOLTAGE NOISE
vs FREQUENCY
(Referred-to-Input)
Figure 15.
Figure 16.
STEP RESPONSE
COMMON-MODE VOLTAGE
(10mVPP Input Step)
TRANSIENT RESPONSE
Figure 17.
Figure 18.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: INA210 INA211 INA212 INA213 INA214


Similar Part No. - INA211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA211 TI-INA211 Datasheet
581Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA211 TI-INA211 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA211 TI1-INA211 Datasheet
1Mb / 29P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA211 TI-INA211 Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA211 TI1-INA211 Datasheet
1Mb / 39P
[Old version datasheet]   High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
More results

Similar Description - INA211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199B1RSWT TI-INA199B1RSWT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213BIDCKR TI1-INA213BIDCKR Datasheet
1Mb / 29P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA199A1 TI-INA199A1 Datasheet
797Kb / 22P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA214 TI-INA214 Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT-SHUNT MONITOR
INA210 TI-INA210 Datasheet
581Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B2DCKR TI1-INA199B2DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI1-INA199A1_14 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com