Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPG-COM1 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # FPG-COM1
Description  Programmable Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPG-COM1 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button FPG-COM1 Datasheet HTML 5Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 6Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 7Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 8Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 9Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 10Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 11Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 12Page - Panasonic Semiconductor FPG-COM1 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Home sensor
ON
XA ON
2000Hz
100Hz
0Hz
150ms
X-axis
(CH0)
Y-axis
(CH2)
5000
2000
Pass position P
(X 9396, Y -3420)
Target position E
(X 8660, Y -5000)
Current position S
(X 5000, Y 8660)
Center position O
(Xo,Yo)
ON
OFF
300Hz
0Hz
XB (JOG command)
Y0 (Pulse)
θ
Home sensor
ON
XA ON
2000Hz
100Hz
0Hz
150ms
X-axis
(CH0)
Y-axis
(CH2)
5000
2000
Pass position P
(X 9396, Y -3420)
Target position E
(X 8660, Y -5000)
Current position S
(X 5000, Y 8660)
Center position O
(Xo,Yo)
ON
OFF
300Hz
0Hz
XB (JOG command)
Y0 (Pulse)
θ
Home sensor
ON
XA ON
2000Hz
100Hz
0Hz
150ms
X-axis
(CH0)
Y-axis
(CH2)
5000
2000
Pass position P
(X 9396, Y -3420)
Target position E
(X 8660, Y -5000)
Current position S
(X 5000, Y 8660)
Center position O
(Xo,Yo)
ON
OFF
300Hz
0Hz
XB (JOG command)
Y0 (Pulse)
θ
Home sensor
ON
XA ON
2000Hz
100Hz
0Hz
150ms
X-axis
(CH0)
Y-axis
(CH2)
5000
2000
Pass position P
(X 9396, Y -3420)
Target position E
(X 8660, Y -5000)
Current position S
(X 5000, Y 8660)
Center position O
(Xo,Yo)
ON
OFF
300Hz
0Hz
XB (JOG command)
Y0 (Pulse)
θ
9
FP
S (Sigma) positioning
High-speed, high precision positioning
Home search automatically reverses the motor rotation when
Over limit input(+) or Over limit input (-) is input and their
searches for the home position or near home position in order
to return to it automatically.
This refers to an operation in which the motor is rotated only
while operation commands are being input. This is used to
forcibly rotate the motor using input from an external switch,
for instance when making adjustments. Depending on the
circumstances, unlimited feeding can be accomplished with
the JOG operation in some cases.
Linear interpolation
Positioning Iocus.

Circular interpolation
Positioning Iocus.

Center-radial

setting methods are
also available.
A control function that automatically defines the continuum of
points in a straight line based on only two coordinate positions.
Allows points to be smoothly traversed by arced paths for which
the user specifies the orientation plane, the radius of curvature,
motion path profile and direction of motion.
Home position return
Pulse output diagram

(when the home position proximity input is not used).
JOG operation
Pulse output diagram.

Programming with convenient and
easy-to-understand instructions
Uses a preset value table for starting speed, target speed,

acceleration/deceleration time, and other factors. Easy-to-
understand programming is possible since numbers can be
specified intuitively.
Comes with dedicated instructions for each mode:

trapezoidal control, home return, JOG operation, free table
operation, linear interpolation, and circular interpolation.
Selectable home return mode
The home return method may be specified even in

situations such as when only a single sensor is being
used, depending on the design.
When the home position return is completed, a deviation

counter clear signal can also be output.
09/2008


Similar Part No. - FPG-COM1

ManufacturerPart #DatasheetDescription
logo
SAB North America
FPG-11 SAB-FPG-11 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-11R SAB-FPG-11R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13 SAB-FPG-13 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13R SAB-FPG-13R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-16 SAB-FPG-16 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
More results

Similar Description - FPG-COM1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com