Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q40BLZPIG Datasheet(PDF) 10 Page - Winbond

Part # W25Q40BLZPIG
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLZPIG Datasheet(HTML) 10 Page - Winbond

Back Button W25Q40BLZPIG Datasheet HTML 6Page - Winbond W25Q40BLZPIG Datasheet HTML 7Page - Winbond W25Q40BLZPIG Datasheet HTML 8Page - Winbond W25Q40BLZPIG Datasheet HTML 9Page - Winbond W25Q40BLZPIG Datasheet HTML 10Page - Winbond W25Q40BLZPIG Datasheet HTML 11Page - Winbond W25Q40BLZPIG Datasheet HTML 12Page - Winbond W25Q40BLZPIG Datasheet HTML 13Page - Winbond W25Q40BLZPIG Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
W25Q40BL
condition will terminate after the next falling edge of CLK. During a /HOLD condition, the Serial Data
Output (DO) is high impedance, and Serial Data Input (DI) and Serial Clock (CLK) are ignored. The Chip
Select (/CS) signal should be kept active low for the full duration of the /HOLD operation to avoid resetting
the internal logic state of the device.
- 10 -
6.2
WRITE PROTECTION
Applications that use non-volatile memory must take into consideration the possibility of noise and other
adverse system conditions that may compromise data integrity. To address this concern, the W25Q40BL
provides several means to protect the data from inadvertent writes.
6.2.1
Write Protect Features
Device resets when VCC is below threshold
Time delay write disable after Power-up
Write enable/disable instructions and automatic write disable after erase or program
Software and Hardware (/WP pin) write protection using Status Register
Write Protection using Power-down instruction
Lock Down write protection until next power-up
One Time Program (OTP) write protection
*
* Note: This feature is available upon special order. Please contact Winbond for details.
Upon power-up or at power-down, the W25Q40BL will maintain a reset condition while VCC is below the
threshold value of VWI, (See Power-up Timing and Voltage Levels and Figure 38). While reset, all
operations are disabled and no instructions are recognized. During power-up and after the VCC voltage
exceeds VWI, all program and erase related instructions are further disabled for a time delay of tPUW. This
includes the Write Enable, Page Program, Sector Erase, Block Erase, Chip Erase and the Write Status
Register instructions. Note that the chip select pin (/CS) must track the VCC supply level at power-up until
the VCC-min level and tVSL time delay is reached. If needed a pull-up resister on /CS can be used to
accomplish this.
After power-up the device is automatically placed in a write-disabled state with the Status Register Write
Enable Latch (WEL) set to a 0. A Write Enable instruction must be issued before a Page Program, Sector
Erase, Block Erase, Chip Erase or Write Status Register instruction will be accepted. After completing a
program, erase or write instruction the Write Enable Latch (WEL) is automatically cleared to a write-
disabled state of 0.
Software controlled write protection is facilitated using the Write Status Register instruction and setting the
Status Register Protect (SRP0, SRP1) and Block Protect (CMP, SEC,TB, BP2, BP1 and BP0) bits. These
settings allow a portion as small as 4KB sector or the entire memory array to be configured as read only.
Used in conjunction with the Write Protect (/WP) pin, changes to the Status Register can be enabled or
disabled under hardware control. See Status Register section for further information. Additionally, the
Power-down instruction offers an extra level of write protection as all instructions are ignored except for
the Release Power-down instruction.


Similar Part No. - W25Q40BLZPIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q40BLZPIG WINBOND-W25Q40BLZPIG Datasheet
2Mb / 73P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q40BLZPIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q40BL WINBOND-W25Q40BL Datasheet
2Mb / 73P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BV WINBOND-W25Q40BV Datasheet
2Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BV WINBOND-W25Q40BV_12 Datasheet
1Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BW WINBOND-W25Q40BW_13 Datasheet
2Mb / 73P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BW WINBOND-W25Q40BW Datasheet
2Mb / 70P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BL WINBOND-W25Q80BL Datasheet
2Mb / 75P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BL WINBOND-W25Q80BL_13 Datasheet
2Mb / 74P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40EW WINBOND-W25Q40EW Datasheet
1Mb / 80P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
August 18, 2018Revision J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com