Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501R18W102KF4E Datasheet(PDF) 3 Page - Johanson Technology Inc.

Part # 501R18W102KF4E
Description  ceramic capacitor solutions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

501R18W102KF4E Datasheet(HTML) 3 Page - Johanson Technology Inc.

  501R18W102KF4E Datasheet HTML 1Page - Johanson Technology Inc. 501R18W102KF4E Datasheet HTML 2Page - Johanson Technology Inc. 501R18W102KF4E Datasheet HTML 3Page - Johanson Technology Inc. 501R18W102KF4E Datasheet HTML 4Page - Johanson Technology Inc. 501R18W102KF4E Datasheet HTML 5Page - Johanson Technology Inc. 501R18W102KF4E Datasheet HTML 6Page - Johanson Technology Inc. 501R18W102KF4E Datasheet HTML 7Page - Johanson Technology Inc. 501R18W102KF4E Datasheet HTML 8Page - Johanson Technology Inc. 501R18W102KF4E Datasheet HTML 9Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3
www.johanson dielectrics.com
SURFACE MOUNT CERAMIC CAPACITORS
Ceramic Capacitor Prototyping Kits
4-5
High Voltage Capacitors 250 - 6,000 VDC
6-7
Safety Capacitors 250 VAC, Y2, Y3, Japan Standard
8-9
Low Inductance X2Y
®
Capacitors
10-13
Low Inductance Capacitors
14
Chip Feedthru Filter Capacitors
15
High Power AC Capacitors
16
High Temperature - 200°C Capacitors
17
High Capacitance Tanceram® Capacitors
18-19
SMT Multi-layer Ceramic Capacitors 10 - 200 VDC
20-21
LEADED CERAMIC CAPACITORS
SMPS Stacked Capacitors, 125°C & 200°C versions
22-23
Mini-SMPS Stacked Capacitors
24-25
Maxi-CapTM SMPS Capacitors
26-27
X2Y
®
Low ESL SMPS Stacked Capacitors
28-29
Switch-mode Radial Leaded Capacitors
30-31
High Voltage Radial Leaded Capacitors, 125°C, 200°C, 250°C versions
32-33
Part Number, Dielectric, Packaging Specifications
34-35
ON-LINE PRODUCTS
ON-LINE INFORMATION
N2200 Chip Capacitors
Dielectric Characteristics
200°C Radial Leaded Capacitors
Packaging & Marking
Tin-Lead Termination Capacitors
Environmental Compliance Policies
Polyterm® Termination Capacitors
Lead-Free Reflow Processing
Large Size Multi-layer Ceramic Capacitors
High Voltage PCB Design
X2Y Filter Eval. & PCB Design Guide
Capacitor Power Handling


Similar Part No. - 501R18W102KF4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
501R18W102KF4E JOHANSON-501R18W102KF4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
More results

Similar Description - 501R18W102KF4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com