Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERTJ0VS103GA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERTJ0VS103GA
Description  Multilayer NTC Thermistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERTJ0VS103GA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERTJ0VS103GA Datasheet HTML 1Page - Panasonic Semiconductor ERTJ0VS103GA Datasheet HTML 2Page - Panasonic Semiconductor ERTJ0VS103GA Datasheet HTML 3Page - Panasonic Semiconductor ERTJ0VS103GA Datasheet HTML 4Page - Panasonic Semiconductor ERTJ0VS103GA Datasheet HTML 5Page - Panasonic Semiconductor ERTJ0VS103GA Datasheet HTML 6Page - Panasonic Semiconductor ERTJ0VS103GA Datasheet HTML 7Page - Panasonic Semiconductor ERTJ0VS103GA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer NTC Thermistors
– 363 –
E
1
R
2
TJ
0
E
G
1
0
3
J
A
3
4
5
6
78
9
10
11
12
Common Code
ERT
J
Product Code
Type Code
NTC
Thermistors
Chip Type (SMD)
Multilayer Type
Size Code
“0201”
“0402”
“0603”
Z
0
1
Packaging
Style Code
E
V
±1%
±2%
±3%
±5%
F
G
H
J
Resistance Tolerance
Code
Nominal Resistance
R25 ( )
The first two digits
are significant figures
of resistance and the
third one denotes
the number of zeros
following them.
(Example)
B Value Class Code
2701 to 2800
3301 to 3400
3801 to 3900
4001 to 4100
4201 to 4300
4301 to 4400
4401 to 4500
4601 to 4700
A
G
M
P
R
S
T
V
Special
Specification
“0201”, “0402”
Pressed Carrier
Taping
Punched Carrier
Taping
(Pitch:2mm)
“0603”
Punched Carrier
Taping
(Pitch:4mm)
Narrow
Tolerance
Type
Standard
Type
5
4
3
2
1
Multilayer NTC Thermistors
Series:
ERTJ
Recommended Applications
● Mobile Phone
· Temperature compensation for crystal oscillator
· Temperature compensation for semiconductor
devices
● Personal Computer
· Temperature detection for CPU and memory device
· Temperature compensation for ink-viscosity
(Inkjet Printer)
● Battery Pack
· Temperature detection of battery cells
● Liquid Crystal Display
· Temperature compensation of display contrast
· Temperature compensation of display backlighting
(CCFL)
Features
● Surface Mount Device (0201, 0402, 0603)
● Highly reliable multilayer / monolithic structure
● Wide temperature operating range (–40 to 125 °C)
● Environmentally-friendly lead-free
Handling Precautions
Please see Pages 371 to 375
Explanation of Part Numbers
Construction
No
Name
A
Semiconductive Ceramics
B
Internal electrode
C
Terminal
electrode
Substrate electrode
D
Intermediate electrode
E
External electrode
Packaging Methods
Please see Page 364
Sep. 2010
00
●RoHS compliant


Similar Part No. - ERTJ0VS103GA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERTJ0V103FA PANASONIC-ERTJ0V103FA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERTJ0V103GA PANASONIC-ERTJ0V103GA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERTJ0V103HA PANASONIC-ERTJ0V103HA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERTJ0V103JA PANASONIC-ERTJ0V103JA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
More results

Similar Description - ERTJ0VS103GA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERT-J1VG103JA PANASONIC-ERT-J1VG103JA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EG103FA PANASONIC-ERT-J0EG103FA Datasheet
185Kb / 9P
   Multilayer NTC Thermistors
ERT-J1VR682J PANASONIC-ERT-J1VR682J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EV474J PANASONIC-ERT-J0EV474J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VG103FA PANASONIC-ERT-J1VG103FA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EP473F PANASONIC-ERT-J0EP473F Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VV104J PANASONIC-ERT-J1VV104J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VR472J PANASONIC-ERT-J1VR472J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com