Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EXB144720X Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EXB144720X
Description  Chip Resistor Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXB144720X Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EXB144720X Datasheet HTML 1Page - Panasonic Semiconductor EXB144720X Datasheet HTML 2Page - Panasonic Semiconductor EXB144720X Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Chip Resistor Array
1
2
3
4
5
6
7
8
9
10
11
Thick Film
Chip Resistor
Networks
Chip Resistor Array
Type: inch
Product Code
0201 Array
0402 Array
0603 Array
0402 Array
0603 Array
0805 Array
1
2
3
N
V
S
4
8
H
4 Terminal
8 Terminal
16 Terminal
No. of Terminal
Schematics
V
Isolated
type
The first two digits are
significant figures of
resistance value and
the third one denotes
the number of zeros
following. Jumper is
expressed by R00
Resistance Value
Example : 222
2.2 k
Resistance
Tolerance
J
0
±5 %
Jumper
Convex
Terminal
Concave
Terminal
Packaging Methods
Code
Nil
X
V
Packaging
Type
Embossed Carrier Taping
4 mm pitch, 2,500 pcs.
Punched Carrier Taping
2 mm pitch, 10,000 pcs.
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
EXBS8V
EXB14V, 18V,
24V, 28V, N8V
EXB2HV, 34V,
38V, V4V, V8V
Protective coating
Thick film
resistive element
Electrode (Inner)
Electrode (Between)
Electrode (Outer)
Alumina substrate
43
12
8
1
7
2
6
3
5
4
16
1
15
2
14
3
13
4
12
5
11
6
10
7
9
8
Construction (Example : Concave Terminal)
Schematics
● Isolated type
14V, 24V, 34V, V4V
18V, 28V, N8V, 38V, V8V, S8V
2 resistors
4 resistors
2HV
8 resistors
Features
● High density
2 resistors in 0.8 mm
× 0.6 mm size (EXB14V)
4 resistors in 1.4 mm
× 0.6 mm size (EXB18V)
2 resistors in 1.0 mm
× 1.0 mm size (EXB24V)
4 resistors in 2.0 mm
× 1.0 mm size (EXB28V, N8V)
8 resistors in 3.8 mm
× 1.6 mm size (EXB2HV)
2 resistors in 1.6 mm
× 1.6 mm size (EXB34V, V4V)
4 resistors in 3.2 mm
× 1.6 mm size (EXB38V, V8V)
4 resistors in 5.1 mm
× 2.2 mm size (EXBS8V)
Type:
EXB1 : 0201 Array
EXB2 : 0402 Array
EXB3 : 0603 Array
EXBN: 0402 Array
EXBV : 0603 Array
EXBS : 0805 Array
Explanation of Part Numbers
Chip Resistor Array
● Improvement of placement efficiency
Placement efficiency of Chip Resistor Array is two, four
or eight times of the flat type chip resistor
● Reference Standard…IEC 60115-9, JIS C 5201-9, EIAJ
RC-2129
● RoHS compliant
■ Packaging Methods, Land Pattern, Soldering Conditions and Safety Precautions
Please see Data Files
Aug. 2012
01
29


Similar Part No. - EXB144720X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXB14V PANASONIC-EXB14V Datasheet
166Kb / 6P
   Chip Resistor Array
EXB14V PANASONIC-EXB14V Datasheet
117Kb / 3P
   Chip Resistor Array
EXB14V PANASONIC-EXB14V Datasheet
109Kb / 3P
   Chip Resistor Array
EXB14V PANASONIC-EXB14V Datasheet
117Kb / 3P
   Chip Resistor Array
EXB14V PANASONIC-EXB14V Datasheet
117Kb / 3P
   Chip Resistor Array
More results

Similar Description - EXB144720X

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
EXB28V NAIS-EXB28V Datasheet
105Kb / 10P
   Chip Resistor Array
logo
Panasonic Semiconductor
EXBV8V473JV PANASONIC-EXBV8V473JV Datasheet
117Kb / 3P
   Chip Resistor Array
logo
Bourns Electronic Solut...
CAY10 BOURNS-CAY10_08 Datasheet
394Kb / 3P
   Chip Resistor Array
CAY10 BOURNS-CAY10 Datasheet
228Kb / 1P
   Chip Resistor Array
logo
List of Unclassifed Man...
RA1632 ETC-RA1632 Datasheet
93Kb / 2P
   CHIP RESISTOR ARRAY
logo
Panasonic Semiconductor
EXB-28V470JX PANASONIC-EXB-28V470JX Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-38V152JV PANASONIC-EXB-38V152JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-2HV151JV PANASONIC-EXB-2HV151JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB14V PANASONIC-EXB14V_10 Datasheet
117Kb / 3P
   Chip Resistor Array
EXB-38V183JV PANASONIC-EXB-38V183JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-V8V330JV PANASONIC-EXB-V8V330JV Datasheet
109Kb / 3P
   Chip Resistor Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com