Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJB1CJ102U Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERJB1CJ102U
Description  High Power Chip Resistors / Wide Terminal Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJB1CJ102U Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERJB1CJ102U Datasheet HTML 1Page - Panasonic Semiconductor ERJB1CJ102U Datasheet HTML 2Page - Panasonic Semiconductor ERJB1CJ102U Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High Power Chip Resistors / Wide Terminal Type
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
–60 –40 –20 0
20 40 60 80 100 120 140 160 180
0
20
40
60
80
100
70 °C
155 °C
Ambient Temperature (°C)
–55 °C
Power Derating Curve
For resistors operated in ambient temperature above
70 °C, power rating shall be derated in accordance
with the figure on the right.
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=√Power Rating
× Resistance Values, or Limiting Element Voltage
listed above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5
× Power Rating or max. Overload Voltage listed above
whichever less.
Ratings
Type
(inch size)
Power
Rating
at 70 °C (W)
Limiting
Element
Voltage
(1)
(V)
Maximum
Overload
Voltage
(2)
(V)
Resistance
Tolerance
(%)
Resistance
Range
(
Ω)
T.C.R.
(
×10–6/°C)
Category
Temperature
Range
(°C)
ERJA1
(2512)
1.33
200
400
±1
100 m to 10 k (E24) R < 100 m
Ω : ±350
100 m
Ω < R : ±100 (±1%)
±200 (±2%, ±5%)
–55 to +155
±2, ±5
10 m to 10 k (E24)
ERJB1
(2010)
1
2(R
< 10 Ω)
200
400
±1, ±2, ±5 10 m to 10 k (E24)
R < 22 m
Ω : ±350
22 m
Ω < R < 47 mΩ : ±200
47 m
Ω < R < 100 mΩ : ±150 (±1%)
±200 (±2%, ±5%)
100 m
Ω < R : ±100 (±1%)
±200 (±2%, ±5%)
–55 to +155
ERJB2
(1206)
0.75
1(R
< 10 Ω)
200
400
±1, ±2
10 m to 1 M (E24) R < 22 mΩ : 0 to +300
22 m
Ω< R< 47 mΩ : 0 to +200
47 m
Ω< R< 100 mΩ : 0 to +150
100 m
Ω< R < 220 mΩ : 0 to +150 (±1%)
0 to +200 (±2%, ±5%)
220 m
Ω< R : ±100 (±1%)
±200 (±2%, ±5%)
–55 to +155
±5
5 m to 1 M
5 m to 9 m : 1m
Ω step
10 m to 1 M : E24
ERJB3
(0805)
0.33
0.5(R
< 1 Ω)
150
200
±1, ±2, ±5
20 m to 10 (E24)
R < 47 m
Ω : 0 to +300
47 m
Ω < R < 1 Ω : 0 to +200
1
Ω < R : ±100 (±1%)
±200 (±2%, ±5%)
–55 to +155
Aug. 2012
02
18


Similar Part No. - ERJB1CJ102U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJB1CJ102U PANASONIC-ERJB1CJ102U Datasheet
100Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
More results

Similar Description - ERJB1CJ102U

ManufacturerPart #DatasheetDescription
logo
Rohm
LTR50 ROHM-LTR50 Datasheet
96Kb / 5P
   High Power Chip Resistors
logo
Panasonic Semiconductor
ERJ-B1BJ2R0U PANASONIC-ERJ-B1BJ2R0U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
logo
Rohm
LTR18 ROHM-LTR18 Datasheet
96Kb / 5P
   High Power Chip Resistors
logo
Panasonic Semiconductor
ERJ-B1CJR13U PANASONIC-ERJ-B1CJR13U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJ-B1CJR10U PANASONIC-ERJ-B1CJR10U Datasheet
100Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
logo
Rohm
LTR10 ROHM-LTR10 Datasheet
71Kb / 5P
   High Power Chip Resistors
logo
KOA Speer Electronics, ...
WK732JTTE33L0F KOA-WK732JTTE33L0F Datasheet
248Kb / 2P
   high power, wide terminal type flat chip resistors
WK73 KOA-WK73 Datasheet
383Kb / 2P
   high power, wide terminal type flat chip resistors
logo
Rohm
LTR10 ROHM-LTR10_1 Datasheet
157Kb / 4P
   High Power Low Ohmic Chip Resistors
logo
KOA Speer Electronics, ...
WK73S2BT KOA-WK73S2BT Datasheet
83Kb / 2P
   wide terminal type flat chip resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com