Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM8530H Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM8530H Datasheet HTML 1Page - Advanced Micro Devices AM8530H Datasheet HTML 2Page - Advanced Micro Devices AM8530H Datasheet HTML 3Page - Advanced Micro Devices AM8530H Datasheet HTML 4Page - Advanced Micro Devices AM8530H Datasheet HTML 5Page - Advanced Micro Devices AM8530H Datasheet HTML 6Page - Advanced Micro Devices AM8530H Datasheet HTML 7Page - Advanced Micro Devices AM8530H Datasheet HTML 8Page - Advanced Micro Devices AM8530H Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 194 page
background image
PREFACE
Thank you for your interest in the SCC, one of the most popular Serial Data ICs available
today. This manual is intended to provide answers to technical questions about the
Am8530H and Am85C30.
If you have already used the Am8530H and are familiar with the previous editions of this
Technical Manual, you will find that some chapters are virtually unchanged. The
Am8030’s functionality, however, has been omitted from this revision since a CMOS
Am8030 was not developed. You can, however, consult the previous Am8030/8530 Tech-
nical Manual revision for information pertaining to Am8030 operation.
Functional descriptions of enhancements added to the Am85C30 have been included in
this Technical Manual revision. These enhancements improve the Am85C30’s functional-
ity and allow it to be used more effectively in high-speed applications. These enhance-
ments include:
s a 10 x 19-bit SDLC/HDLC frame status FIFO array
s a 14-bit SDLC/HDLC frame byte counter
s automatic SDLC/HDLC opening flag transmission
s automatic SDLC/HDLC Tx Underrun/EOM flag resetting
s automatic SDLC/HDLC Tx CRC generator presetting
s
RTS pin synchronization to closing SDLC/HDLC flag
s
DTR/REQ deactivation delay significantly reduced
s external PCLK to RxC or TxC synchronization requirement eliminated for PCLK divide-
by-four operation
s complete SDLC/HDLC CRC character reception
s reduced
INT response time
s Write data setup time to rising edge of
WR requirement eliminated
s Write Registers WR3, WR4, WR5, and WR10 made readable
Most users read only chapters that are of interest to them. If you are designing the micro-
computer hardware using the SCC as a peripheral, you will want to read the Applications
Section in Chapter 7. Application notes covering the interfacing of the Am8530H (pre H-
step and CMOS versions only) to the 8086/80186, 68000 processors and Am7960 Data
Coded Transceiver have been included.
As was the case with the NMOS SCC, some points to look out for when using the
Am85C30 are:
s Follow the worksheet for initialization (Chapter 7). Unexplainable operations may occur if
this procedure is not followed.
s Watch out for the Write Recovery time violation. The specification for this (Trc) was
changed on both the H-step and CMOS version. It is now referenced from falling edge to
falling edge of the Read/Write pulse. Trc is spec’d at 4 PCLKs for the NMOS H-step and 3
PCLKs (best case)/3.5 PCLKs for the Am85C30.
s Ensure Mode bits are not changed when writing commands. Each Mode bit affects only
one function and a Command bit entry requires a rewrite of the entire register; therefore,
care must be taken to insure the integrity of the Mode bits whenever a new command is
issued.
s Any unused input pins should be tied high.


Similar Part No. - AM8530H

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
527Kb / 68P
   Enhanced Serial Communications Controller
AM85C30-10 AMD-AM85C30-10 Datasheet
527Kb / 68P
   Enhanced Serial Communications Controller
AM85C30-10BQA AMD-AM85C30-10BQA Datasheet
527Kb / 68P
   Enhanced Serial Communications Controller
AM85C30-10BUA AMD-AM85C30-10BUA Datasheet
527Kb / 68P
   Enhanced Serial Communications Controller
AM85C30-10JC AMD-AM85C30-10JC Datasheet
527Kb / 68P
   Enhanced Serial Communications Controller
More results

Similar Description - AM8530H

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
   Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
   Serial Communications Controller
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
   Serial Communications Controller
Z16C3510VSG ZILOG-Z16C3510VSG Datasheet
2Mb / 63P
   INTEGRATED SERIAL COMMUNICATIONS CONTROLLER
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
527Kb / 68P
   Enhanced Serial Communications Controller
logo
Zilog, Inc.
Z8523L08VEG ZILOG-Z8523L08VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
logo
Intel Corporation
82530 INTEL-82530 Datasheet
1Mb / 32P
   SERIAL COMMUNICATIONS CONTROLLER (SCC)
logo
NEC
UPD7201A NEC-UPD7201A Datasheet
1Mb / 18P
   Multiprotocol, Serial Communications Controller
logo
Zilog, Inc.
Z85230 ZILOG-Z85230 Datasheet
1Mb / 120P
   ENHANCED SERIAL COMMUNICATIONS CONTROLLER
Z8523020PSG ZILOG-Z8523020PSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com