Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFA2024-TC-03 Datasheet(PDF) 2 Page - Emcore Corporation

Part # MAFA2024-TC-03
Description  Full Function Fiber Optic Amplifier Gain Block Ready for Integration
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA2024-TC-03 Datasheet(HTML) 2 Page - Emcore Corporation

  MAFA2024-TC-03 Datasheet HTML 1Page - Emcore Corporation MAFA2024-TC-03 Datasheet HTML 2Page - Emcore Corporation MAFA2024-TC-03 Datasheet HTML 3Page - Emcore Corporation MAFA2024-TC-03 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DATASHEET | FEBRUARY 2013
FIBER OPTICS
| REV 2013.02
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Optical/Electrical Characteristics1
Property
Unit
Limit
Models
Comments
2014
2017
2020
2023
2024
2027
Operating Input
Power
Pin (dBm)
Max
12
12
12
12
12
12
Operating Input
Power
Pin (dBm)
Min
-10
-10
-10
-10
-10
-10
Typical
(May vary for some models)
Output Power
Po(dBm)
Nominal
14
+/-.20
17
+/-.20
20
+/-.20
23
+/-.25
24
+/-.20
27
+/-.20
Note 2
Noise Figure
NF (dB)
Typ/Max
4.5/5.0
4.5/5.0
4.5/5.0
4.5/5.0
5.0/5.5
5.0/5.5
(Notes 3, 8)
Static Gain
Flatness
Gs (dB)
Max
+/-0.5
+/-0.5
+/-0.5
+/-0.5
+/-0.5
+/-0.5
(Notes 4)
Dynamic Gain
Flatness
Gd (dB)
Max
+/-1.0
+/-1.25
+/-1.5
+/-2.0
+/-2.0
+/-2.0
(Notes 5, 7)
Output Power
Stability
(dB)
Max
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/-0.2
(Note 6)
Power
Consumption
(Steady state)
Psys(W)
Max
3
4
8
10
15
25
70
oC Case
Notes:
1. Unless stated otherwise, all specifications apply over the full operating temperature and humidity ranges
2. Measurement variations
3. Measured with 8 evenly spread input optical signals @ 25°C,
Pin ≈ 0 dBm. Measuring with 1 input optical signal with Pin
≈ 0 dBm and
 ≈ 1550 nm is also available (Low Noise Figure options with NF <4.0/4.5 dB are available for some models
only)
4. Measured with a swept Probe Signal (Pp), where Pp ≈ 0 dBm @ 25
C
5. Measured with a swept Probe Signal (Pp), and a fixed Tone Signal (Pt) @ ~ 1550 nm; (Pt ≈ Pp+20 dB; Pt + Pp ≈ 0 dBm)
@ 25
C; Gain Flattened Options with ΔG ≤ +/-0.75dB or ΔG ≤ +/-1.0dB are available (for some models only)
6. Over polarization and temperature
7. Measurement of Static and Dynamic Gain Flatness applicable only for -01 and -03 options. For PONA 2130 can be
defined for 1545 nm ≤
 ≤ 1562 nm and by special request only.
8. Specific NF and ΔG can be guaranteed at a single specified Input Optical Power Level (Pin = Pt + Pp) equal or different
from 0 dBm.
General and Mechanical Specifications
Property
Requirement
Comments
Operating Wavelength
1530 nm ~ 1562 nm
Standard
Operating Case Temperature
-20°C to 75
C
Storage Temperature
-40
C to 85C
Operating Humidity
20% to 85%
Non-condensing
Voltage Supply Range
+4.5V to +5.5VDC
All versions
Optical Connectors
SC/APC; SC/UPC; FC/APC;
FC/UPC; E2000/APC
User Specified
Dimensions (in)
4.9”W x 5.9”D x 0.8”H
4.9”W x 5.9”D x 1.9”H
MAFA 2014 to MAFA 2023
MAFA 2024 to MAFA 2027
* With a 1” heat sink. (MAFA 2024 and MAFA 2027 require a heat sink to meet operating temperature specifications)
MAFA 2000 Series EDFA


Similar Part No. - MAFA2024-TC-03

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA2024-TC-03 EMCORE-MAFA2024-TC-03 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
More results

Similar Description - MAFA2024-TC-03

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-1014-SC1-00-S-1 EMCORE-MAFA-1014-SC1-00-S-1_13 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA-3027-SC-P-1 EMCORE-MAFA-3027-SC-P-1_13 Datasheet
328Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
PONA-3027-SC-01-P-AC EMCORE-PONA-3027-SC-01-P-AC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
logo
International Rectifier
IP2003ATR IRF-IP2003ATR Datasheet
361Kb / 10P
   Full function muliphase builiding block
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
logo
TriQuint Semiconductor
TGA8320 TRIQUINT-TGA8320 Datasheet
526Kb / 7P
   Gain Block Amplifier
TGA8349 TRIQUINT-TGA8349 Datasheet
309Kb / 7P
   Gain Block Amplifier
TGA8810 TRIQUINT-TGA8810 Datasheet
219Kb / 7P
   Gain Block Amplifier
TGA8300-SCC TRIQUINT-TGA8300-SCC Datasheet
176Kb / 7P
   Gain Block Amplifier
TGA8035 TRIQUINT-TGA8035 Datasheet
222Kb / 7P
   Gain Block Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com