Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERTJ0VA103FA Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ERTJ0VA103FA
Description  Multilayer NTC Thermistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERTJ0VA103FA Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ERTJ0VA103FA Datasheet HTML 1Page - Panasonic Semiconductor ERTJ0VA103FA Datasheet HTML 2Page - Panasonic Semiconductor ERTJ0VA103FA Datasheet HTML 3Page - Panasonic Semiconductor ERTJ0VA103FA Datasheet HTML 4Page - Panasonic Semiconductor ERTJ0VA103FA Datasheet HTML 5Page - Panasonic Semiconductor ERTJ0VA103FA Datasheet HTML 6Page - Panasonic Semiconductor ERTJ0VA103FA Datasheet HTML 7Page - Panasonic Semiconductor ERTJ0VA103FA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer NTC Thermistors
– 366 –
1.0
Test Sample
0.5R
0.3/Size:0201
0.5/Size:0402
Board
Test
Sample
Unit : mm
20
45
±245±2
Unit : mm
R340
Specification and Test Method
Item
Specification
Test Method
Rated Zero-power
Resistance (R25)
Within the specified tolerance.
The value of the d.c. resistance shall be measured at
the rated ambient temperature of 25.0 ±0.1 °C under
the power less than 0.1mW which is negligible self
heat generation.
B Value
Within the specified tolerance.
✽ Individual Specification shall specify B25/50 or
B25/85.
The Zero-power resistances; R1 and R2, shall be
measured respectively at T1 (°C) and T2 (°C).
The B value is calculated by the following equation.
BT1/T2=
kn (R1)–kn (R2)
1/(T1+273.15)–1/(T2+273.15)
T1
T2
B25/50
25.0 ±0.1 °C
50.0 ±0.1 °C
B25/85
25.0 ±0.1 °C
85.0 ±0.1 °C
Adhesion
The terminal electrode shall be free from peeling
or signs of peeling.
Applied force :
Size 0201
: 2 N
Size 0402, 0603 : 5 N
Duration : 10 s
Size : 0201, 0402
Size : 0603
Bending Strength There shall be no cracks and other mechanical
damage.
R25 change : within ±5 %
Bending distance : 1 mm
Bending speed
: 1 mm/s
Resistance to
Soldering Heat
There shall be no cracks and other mechanical
damage.
Nallow Tol. type Standard type
R25 change
:
within ±2 %
within ±3 %
B Value change :
within ±1 %
within ±2 %
Soldering bath method
Solder temperature : 270 ±5 °C
Dipping period : 3.0 ±0.5 s
Preheat condition :
Step
Temp (°C)
Period (s)
180 to 100
120 to 180
2150 to 200
120 to 180
Solderability
More than 75 % of the soldered area of both
terminal electrodes shall be covered with fresh
solder.
Soldering bath method
Solder temperature : 230 ±5 °C
Dipping period : 4 ±1 s
Solder : H63A (JIS–Z–3282)
Sep. 2010
00


Similar Part No. - ERTJ0VA103FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERTJ0V103FA PANASONIC-ERTJ0V103FA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERTJ0V103GA PANASONIC-ERTJ0V103GA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERTJ0V103HA PANASONIC-ERTJ0V103HA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERTJ0V103JA PANASONIC-ERTJ0V103JA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
More results

Similar Description - ERTJ0VA103FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERT-J1VG103JA PANASONIC-ERT-J1VG103JA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EG103FA PANASONIC-ERT-J0EG103FA Datasheet
185Kb / 9P
   Multilayer NTC Thermistors
ERT-J1VR682J PANASONIC-ERT-J1VR682J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EV474J PANASONIC-ERT-J0EV474J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VG103FA PANASONIC-ERT-J1VG103FA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EP473F PANASONIC-ERT-J0EP473F Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VV104J PANASONIC-ERT-J1VV104J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VR472J PANASONIC-ERT-J1VR472J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com