Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJP08D1002U Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERJP08D1002U
Description  Anti-Surge Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJP08D1002U Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERJP08D1002U Datasheet HTML 1Page - Panasonic Semiconductor ERJP08D1002U Datasheet HTML 2Page - Panasonic Semiconductor ERJP08D1002U Datasheet HTML 3Page - Panasonic Semiconductor ERJP08D1002U Datasheet HTML 4Page - Panasonic Semiconductor ERJP08D1002U Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Anti-Surge Thick Film Chip Resistors
1
2
3
4
5
6
7
8
9
10
11
12
Thick Film
Chip Resistors
Product Code
Size, Power Rating
Type: inch
P03 : 0603
PA3 : 0603
P06 : 0805
P08 : 1206
P14 : 1210
Power R.
0.2 W
0.25 W
0.25 W
0.33 W
0.5 W
Resistance Tolerance
Code
D
F
J
Tolerance
± 0.5 %
± 1 %
± 5 %
The first two or three digits are significant figures
of resistance and the third or 4th one denotes
number of zeros following.
Three digit type (±5%),
four digit type (±1%, ±0.5%)
Example: 222
2.2 k , 1002
10 k
Resistance Value
Packaging Methods
Code
V
U
Type
ERJP03
ERJPA3
ERJP06
ERJP08
ERJP14
Packaging
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
Embossed Carrier Taping
4 mm pitch, 5,000 pcs.
1
2
3
4
5
6
7
8
9
10
11
12
Thick Film
Chip Resistors
Product Code
Size, Power Rating
Type: inch
P6W : 0805
Power R.
0.5 W
Resistance Tolerance
Code
F
J
Tolerance
± 1 %
± 5 %
The first two or three digits are significant figures of resistance
and the third or 4th one denotes number of zeros following.
Three digit type (±5%), four digit type (±1%)
Example: 222
2.2 k , 1002
10 k
Resistance Value
Packaging Methods
Code
V
Packaging
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
Anti-Surge Thick Film Chip Resistors
0603, 0805, 1206, 1210, 0805
Type:
ERJ P03, PA3, P06, P08, P14
ERJ P6W
Features
● ESD surge characteristics superior to standard metal film resistors
● High reliability
Metal glaze thick film resistive element and three layers of electrodes
● Suitable for both reflow and flow soldering
● High power…0.2 W : 1608(0603) size(ERJP03)
0.25 W : 1608(0603) size(ERJPA3), 2012(0805) size(ERJP06)
0.33 W : 3216(1206) size(ERJP08)
0.5 W : 3225(1210) size(ERJP14), double-sided resistive elements structure 2012(0805) size(ERJP6W)
● Reference Standards…IEC 60115-8, JIS C 5201-8, EIAJ RC-2134B
● RoHS compliant
Explanation of Part Numbers
ERJP03, PA3, P06, P08, P14
ERJP6W(double-sided resistive elements structure)
■ Packaging Methods, Land Pattern, Soldering Conditions and Safety Precautions
Please see Data Files
Apr. 2013
04
19


Similar Part No. - ERJP08D1002U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJP08D1002U PANASONIC-ERJP08D1002U Datasheet
137Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJP08D1002U PANASONIC-ERJP08D1002U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJP08D1002U PANASONIC-ERJP08D1002U Datasheet
142Kb / 5P
   Anti-Surge Thick Film Chip Re sis tors
ERJP08D1002U PANASONIC-ERJP08D1002U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJP08D1002U PANASONIC-ERJP08D1002U Datasheet
625Kb / 9P
   Anti-Surge Thick Film Chip Resistors
24-Feb-22
More results

Similar Description - ERJP08D1002U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-P14J2R4U PANASONIC-ERJ-P14J2R4U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-T08J1R0V PANASONIC-ERJ-T08J1R0V Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P06F1003V PANASONIC-ERJ-P06F1003V Datasheet
160Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14J220U PANASONIC-ERJ-P14J220U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P08J100V PANASONIC-ERJ-P08J100V Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14D1003U PANASONIC-ERJ-P14D1003U Datasheet
177Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14J162U PANASONIC-ERJ-P14J162U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14D1000U PANASONIC-ERJ-P14D1000U Datasheet
122Kb / 5P
   Anti-Surge Thick Film Chip Resistors
logo
Ohmite Mfg. Co.
ASSERIES OHMITE-ASSERIES Datasheet
639Kb / 2P
   Anti-surge Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com