Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD1XGKZRI00030G Datasheet(PDF) 8 Page - OPLINK Communications Inc.

Part # TPD1XGKZRI00030G
Description  DWDM 80km SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD1XGKZRI00030G Datasheet(HTML) 8 Page - OPLINK Communications Inc.

  TPD1XGKZRI00030G Datasheet HTML 1Page - OPLINK Communications Inc. TPD1XGKZRI00030G Datasheet HTML 2Page - OPLINK Communications Inc. TPD1XGKZRI00030G Datasheet HTML 3Page - OPLINK Communications Inc. TPD1XGKZRI00030G Datasheet HTML 4Page - OPLINK Communications Inc. TPD1XGKZRI00030G Datasheet HTML 5Page - OPLINK Communications Inc. TPD1XGKZRI00030G Datasheet HTML 6Page - OPLINK Communications Inc. TPD1XGKZRI00030G Datasheet HTML 7Page - OPLINK Communications Inc. TPD1XGKZRI00030G Datasheet HTML 8Page - OPLINK Communications Inc. TPD1XGKZRI00030G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Oplink Communications, Inc
S0252. Rev.04. (web) 2012-08-08
8
TPD1XGKZRxxG
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD1XGKZRE00050G
- 5°C to +85°C
Extended
1537.40
195.0
50
80km
TPD1XGKZRE00049G
- 5°C to +85°C
Extended
1538.19
194.9
49
80km
TPD1XGKZRE00048G
- 5°C to +85°C
Extended
1538.98
194.8
48
80km
TPD1XGKZRE00047G
- 5°C to +85°C
Extended
1539.77
194.7
47
80km
TPD1XGKZRE00046G
- 5°C to +85°C
Extended
1540.56
194.6
46
80km
TPD1XGKZRE00045G
- 5°C to +85°C
Extended
1541.35
194.5
45
80km
TPD1XGKZRE00044G
- 5°C to +85°C
Extended
1542.14
194.4
44
80km
TPD1XGKZRE00043G
- 5°C to +85°C
Extended
1542.94
194.3
43
80km
TPD1XGKZRE00042G
- 5°C to +85°C
Extended
1543.73
194.2
42
80km
TPD1XGKZRE00041G
- 5°C to +85°C
Extended
1544.53
194.1
41
80km
TPD1XGKZRE00040G
- 5°C to +85°C
Extended
1545.32
194
40
80km
TPD1XGKZRE00039G
- 5°C to +85°C
Extended
1546.12
193.9
39
80km
TPD1XGKZRE00038G
- 5°C to +85°C
Extended
1546.92
193.8
38
80km
TPD1XGKZRE00037G
- 5°C to +85°C
Extended
1547.72
193.7
37
80km
TPD1XGKZRE00036G
- 5°C to +85°C
Extended
1548.51
193.6
36
80km
TPD1XGKZRE00035G
- 5°C to +85°C
Extended
1549.32
193.5
35
80km
TPD1XGKZRE00034G
- 5°C to +85°C
Extended
1550.12
193.4
34
80km
TPD1XGKZRE00033G
- 5°C to +85°C
Extended
1550.92
193.3
33
80km
TPD1XGKZRE00032G
- 5°C to +85°C
Extended
1551.72
193.2
32
80km
TPD1XGKZRE00031G
- 5°C to +85°C
Extended
1552.52
193.1
31
80km
TPD1XGKZRE00030G
- 5°C to +85°C
Extended
1553.33
193
30
80km
TPD1XGKZRE00029G
- 5°C to +85°C
Extended
1554.13
192.9
29
80km
TPD1XGKZRE00028G
- 5°C to +85°C
Extended
1554.94
192.8
28
80km
TPD1XGKZRE00027G
- 5°C to +85°C
Extended
1555.75
192.7
27
80km
TPD1XGKZRE00026G
- 5°C to +85°C
Extended
1556.55
192.6
26
80km
TPD1XGKZRE00025G
- 5°C to +85°C
Extended
1557.36
192.5
25
80km
TPD1XGKZRE00024G
- 5°C to +85°C
Extended
1558.17
192.4
24
80km
TPD1XGKZRE00023G
- 5°C to +85°C
Extended
1558.98
192.3
23
80km
TPD1XGKZRE00022G
- 5°C to +85°C
Extended
1559.79
192.2
22
80km
TPD1XGKZRE00021G
- 5°C to +85°C
Extended
1560.61
192.1
21
80km
TPD1XGKZRE00020G
- 5°C to +85°C
Extended
1561.42
192
20
80km
TPD1XGKZRE00019G
- 5°C to +85°C
Extended
1562.23
191.9
19
80km
TPD1XGKZRE00018G
- 5°C to +85°C
Extended
1563.05
191.8
18
80km
TPD1XGKZRE00017G
- 5°C to +85°C
Extended
1563.86
191.7
17
80km
TPD1XGKZRE00016G
- 5°C to +85°C
Extended
1564.68
191.6
16
80km
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD1XGKZRI00061G
- 40°C to +85°C
Industrial
1528.77
196.1
61
80km
TPD1XGKZRI00060G
- 40°C to +85°C
Industrial
1529.55
196.0
60
80km
TPD1XGKZRI00059G
- 40°C to +85°C
Industrial
1530.33
195.9
59
80km
TPD1XGKZRI00058G
- 40°C to +85°C
Industrial
1531.12
195.8
58
80km
TPD1XGKZRI00057G
- 40°C to +85°C
Industrial
1531.90
195.7
57
80km


Similar Part No. - TPD1XGKZRI00030G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGKZRI00030G OPLINK-TPD1XGKZRI00030G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
More results

Similar Description - TPD1XGKZRI00030G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com