Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS-3442-20-10-FA-12-15-1 Datasheet(PDF) 3 Page - Emcore Corporation

Part # SS-3442-20-10-FA-12-15-1
Description  Optiva OTS-2 C-Band RF Fiber Optic Links
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

SS-3442-20-10-FA-12-15-1 Datasheet(HTML) 3 Page - Emcore Corporation

  SS-3442-20-10-FA-12-15-1 Datasheet HTML 1Page - Emcore Corporation SS-3442-20-10-FA-12-15-1 Datasheet HTML 2Page - Emcore Corporation SS-3442-20-10-FA-12-15-1 Datasheet HTML 3Page - Emcore Corporation SS-3442-20-10-FA-12-15-1 Datasheet HTML 4Page - Emcore Corporation SS-3442-20-10-FA-12-15-1 Datasheet HTML 5Page - Emcore Corporation SS-3442-20-10-FA-12-15-1 Datasheet HTML 6Page - Emcore Corporation SS-3442-20-10-FA-12-15-1 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SATCOM
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
© 2013 EMCORE Corporation
| REV 2013.10
+1 626-293-3400
DATASHEET | OCTOBER 2013
Transmitter & Receiver Optical Characteristics
Parameter
Symbol
Condition
Min
Typical
Max
Units
Wavelength
l
-
1530
1550
1562
nm
Optical Output Power
PL
-
9
10
11
dBmo
Connector Return Loss
-
-
40
-
-
dB
Optical Connector Type
-
SC/APC
-
-
-
-
Receiver Optical Input Power
Pin
-
-
-
+10
dBmo
Receiver Responsivity
-
-
0.7
-
-
A/W
Note: In order to prevent reflection-induced distortion degradation, the laser should be connected to an optical cable having a return loss of at least 55 dB for discrete reflections
and 30 dB for distributed reflections.
C-Band Transmitter & Receiver RF Characteristics
Parameter
Condition
Min
Typical
Max
Units
Operational Bandwidth
-
3.400
5.850
-
-
4.200
6.725
GHz
GHz
RF Input Impedance
-
-
50
-
Ω
RF Return Loss
-
-
-
-15
dB
RF Connectors
SMA Female
RF Test Point Reference Value, Relative to RF input or RF output
*
-
-18
-20
-22
dB
*Test point performance beyond the stated frequency range is provided; only the test point reference value tolerance may increase beyond the above stated +/- 1 dB
DC Power Consumption - Max
Module Type
Input Voltage (VDC)
Max Current (@+70
°C)
Transmitter
+12
1 A
Receiver
+12
750 mA
Optiva OTS-2 C-Band
RF Fiber Optic Links
All modules are compliant with SNMP v.1 supported through the Optiva NMS card (OPV-CTLR-IC)
Network Management


Similar Part No. - SS-3442-20-10-FA-12-15-1

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SS-30 SIRENZA-SS-30 Datasheet
387Kb / 1P
   SPST High Isolation, BNC Equipped Wideband Switch.5-500 MHz
logo
List of Unclassifed Man...
SS-300R8P ETC2-SS-300R8P Datasheet
357Kb / 7P
   One of passive Back plane.
logo
Bel Fuse Inc.
SS-30100-019 BEL-SS-30100-019 Datasheet
151Kb / 1P
   10 CONDUCTOR / 10 POSITION LINE CORD MODULE
SS-30400-017 BEL-SS-30400-017 Datasheet
167Kb / 1P
   FOUR CONDUCTOR / FOUR POSITION LINE CORD MODULE
SS-30800-061 BEL-SS-30800-061 Datasheet
168Kb / 1P
   8 CONDUCTOR / 8 POSITION LINE CORD MODULE
More results

Similar Description - SS-3442-20-10-FA-12-15-1

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTS-2T EMCORE-OTS-2T Datasheet
1Mb / 6P
   Optiva OTS-2 X-Band RF Fiber Optic Links
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
8000A EMCORE-8000A Datasheet
387Kb / 19P
   System 8000 Fiber-Optic Interfacility Links
logo
Broadcom Corporation.
AFBR-2310Z BOARDCOM-AFBR-2310Z Datasheet
557Kb / 7P
   Fiber-Optic Receiver for Multi GHz Analog Links
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1310Z AVAGO-AFBR-1310Z Datasheet
604Kb / 6P
   Fiber Optic Transmitter for Multi GHz Analog Links
AFBR-2310Z AVAGO-AFBR-2310Z Datasheet
177Kb / 5P
   Fiber Optic Receiver for Multi GHz Analog Links
logo
Broadcom Corporation.
HFBR-1116TZ BOARDCOM-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1119TZ AVAGO-HFBR-1119TZ Datasheet
149Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 266 MBd
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com