Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFA2020-FC-02 Datasheet(PDF) 3 Page - Emcore Corporation

Part # MAFA2020-FC-02
Description  Full Function Fiber Optic Amplifier Gain Block Ready for Integration
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA2020-FC-02 Datasheet(HTML) 3 Page - Emcore Corporation

  MAFA2020-FC-02 Datasheet HTML 1Page - Emcore Corporation MAFA2020-FC-02 Datasheet HTML 2Page - Emcore Corporation MAFA2020-FC-02 Datasheet HTML 3Page - Emcore Corporation MAFA2020-FC-02 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DATASHEET | FEBRUARY 2013
FIBER OPTICS
| REV 2013.02
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Outline Drawing
Electrical Connector Pinout
PIN #
Designation
PIN #
Designation
1
DC Power Input (+5V)
16
Reserved
2
GND
17
Reserved
3
Reserved
18
RS-232 Rx*
4
Reserved
19
Reserved
5
KEY-SWITCH
20
Reserved
6
RS-232Tx
21
Reserved
7
Reserved
22
Reserved
8
Reserved
23
Reserved B
9
Reserved
24
N/A
10
Reserved
25
Reserved
11
Reserved
12
Reserved
13
Reserved
14
DC Power Input (+5V)
15
GND
MAFA 2000 Series EDFA


Similar Part No. - MAFA2020-FC-02

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA2020-FC-02 EMCORE-MAFA2020-FC-02 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
More results

Similar Description - MAFA2020-FC-02

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-1014-SC1-00-S-1 EMCORE-MAFA-1014-SC1-00-S-1_13 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA-3027-SC-P-1 EMCORE-MAFA-3027-SC-P-1_13 Datasheet
328Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
PONA-3027-SC-01-P-AC EMCORE-PONA-3027-SC-01-P-AC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
logo
International Rectifier
IP2003ATR IRF-IP2003ATR Datasheet
361Kb / 10P
   Full function muliphase builiding block
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
logo
TriQuint Semiconductor
TGA8320 TRIQUINT-TGA8320 Datasheet
526Kb / 7P
   Gain Block Amplifier
TGA8349 TRIQUINT-TGA8349 Datasheet
309Kb / 7P
   Gain Block Amplifier
TGA8810 TRIQUINT-TGA8810 Datasheet
219Kb / 7P
   Gain Block Amplifier
TGA8300-SCC TRIQUINT-TGA8300-SCC Datasheet
176Kb / 7P
   Gain Block Amplifier
TGA8035 TRIQUINT-TGA8035 Datasheet
222Kb / 7P
   Gain Block Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com