Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ3GEYJ102V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERJ3GEYJ102V
Description  Thick Film Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ3GEYJ102V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERJ3GEYJ102V Datasheet HTML 1Page - Panasonic Semiconductor ERJ3GEYJ102V Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Thick Film Chip Resistors
1
2
3
4
5
6
7
8
9
10
11
12
Thick Film
Chip Resistors
Product Code
Size, Power Rating
XGN : 01005
1GN : 0201
2GE : 0402
3GE : 0603
6GE : 0805
8GE : 1206
14 : 1210
12 : 1812
12Z : 2010
1T : 2512
0.031 W
0.05 W
0.1 W
0.1 W
0.125 W
0.25 W
0.5 W
0.75 W
0.75 W
1 W
Power R.
Marking
Code
Y
Nil
Marking
Value Marking on
black side
No marking
Resistance Tolerance
Code
J
0
Tolerance
±5 %
Jumper
The first two digits are significant figures of resistance and
the third one denotes number of zeros following.
Decimal Point is expressed by R as 4.7 = 4R7.
Jumper is expressed by R00.
Resistance Value
Packaging Methods
Code
Y
U
Packaging
Type
Embossed Carrier Taping
W4P1, 40,000 pcs.
Pressed Carrier Taping
W8P2, 20,000 pcs.
C
Pressed Carrier Taping
2 mm pitch, 15,000 pcs.
ERJXGN
X
Y
Punched Carrier Taping
2 mm pitch, 20,000 pcs.
U
Embossed Carrier Taping
4 mm pitch, 5,000 pcs.
Punched Carrier Taping
2 mm pitch, 10,000 pcs.
ERJ2GE
ERJ1GN
Embossed Carrier Taping
4 mm pitch, 4,000 pcs.
ERJ1T
ERJ14
ERJ12
ERJ12Z
Type : inch
V
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
ERJ3GE
ERJ6GE
ERJ8GE
Thick Film Chip Resistors
01005, 0201, 0402, 0603, 0805,
1206, 1210, 1812, 2010, 2512
Type:
ERJ XG, 1G, 2G, 3G, 6G, 8G,
14, 12, 12Z, 1T
Features
● Small size and lightweight
● High reliability
Metal glaze thick film resistive element and three layers of electrodes
● Compatible with placement machines
Taping packaging available
● Suitable for both reflow and flow soldering
● Reference Standards
IEC 60115-8, JIS C 5201-8, EIAJ RC-2134B
● RoHS compliant
Explanation of Part Numbers
● ERJXGN, 1GN, 2GE, 3GE, 6GE, 8GE, 14, 12, 12Z, 1T Series, ±5 % type
✽ When omitted, the rest of the P/N factors shall be moved up respectively.
(Only XGN, 1GN, 2GE type)
■ Packaging Methods, Land Pattern, Soldering Conditions and Safety Precautions
Please see Data Files
Aug. 2012
02
3


Similar Part No. - ERJ3GEYJ102V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ3GEYJ102V PANASONIC-ERJ3GEYJ102V Datasheet
252Kb / 5P
   Thick Film Chip Resistors
ERJ3GEYJ102V PANASONIC-ERJ3GEYJ102V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ3GEYJ102V PANASONIC-ERJ3GEYJ102V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ3GEYJ102V PANASONIC-ERJ3GEYJ102V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ3GEYJ102V PANASONIC-ERJ3GEYJ102V Datasheet
84Kb / 2P
   THICK FILM CHIP RESISTORS
More results

Similar Description - ERJ3GEYJ102V

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com