Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD1XGKZRI00057G Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # TPD1XGKZRI00057G
Description  DWDM 80km SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD1XGKZRI00057G Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  TPD1XGKZRI00057G Datasheet HTML 1Page - OPLINK Communications Inc. TPD1XGKZRI00057G Datasheet HTML 2Page - OPLINK Communications Inc. TPD1XGKZRI00057G Datasheet HTML 3Page - OPLINK Communications Inc. TPD1XGKZRI00057G Datasheet HTML 4Page - OPLINK Communications Inc. TPD1XGKZRI00057G Datasheet HTML 5Page - OPLINK Communications Inc. TPD1XGKZRI00057G Datasheet HTML 6Page - OPLINK Communications Inc. TPD1XGKZRI00057G Datasheet HTML 7Page - OPLINK Communications Inc. TPD1XGKZRI00057G Datasheet HTML 8Page - OPLINK Communications Inc. TPD1XGKZRI00057G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Oplink Communications, Inc
TPD1XGKZRxxG
S0252. Rev.04. (web) 2012-08-08
3
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
VEET
TD+
TD-
VEET
VCCT
VCCR
VEER
RD+
RD-
VEER
VEER
RS1
RX_LOS
RS0
MOD-ABS
SCL
SDA
TX_DISABLE
TX_FAULT
VEET
TOWARD
HOST
TOWARD
BEZEL
Transmitter Electrical Characteristics
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Electrical Power Supply Characteristics
Receiver Electrical Characteristics
Connector Pin-out
Parameter
Symbol
Minimum
Typical
Maximum
Units
Differential Output Impedance
Z
d
-
100
-
Ω
Differential Output Swing
V
PP-DIFF
300
-
850
mV
Output Rise and Fall time (20% to 80%)
t
RH, tFH
28
-
-
ps
Output HIGH Voltage (LOS) 1
V
OH
V
CC - 1.3
-
V
CC + 0.3
V
Output LOW Voltage (LOS) 1
V
OL
0
-
0.8
V
1
Open collector compatible, 4.7kΩ to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Differential Input Impedance
Z
d
-
100
-
Ω
Differential Input Voltage Swing
V
PP-DIFF
180
-
700
mV
Input HIGH Voltage (TX Disable) 1
V
IH
2.0
-
V
CC
V
Input LOW Voltage (TX Disable) 1
V
IL
0
-
0.8
V
Output HIGH Voltage (TX Fault) 2
V
OH
2.0
-
V
CC + 0.3
V
Output LOW Voltage (TX Fault) 2
V
OL
0
-
0.8
V
1
There is an internal 4.7kΩ to 10kΩ pull-up resistor to VccT.
2
Open collector compatible, 4.7kΩ to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
Note: The specified characteristics are met within the recommended range of operation. Unless otherwise noted typical data are quoted at nominal voltage and
+25°C ambient temperature.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Power Supply Voltage
V
CC
3.13
3.30
3.47
V
DC Common Mode Voltage
V
CM
0
-
3.60
V
Supply Current
I
VCC
-
365
-
mA
Power Consumption
C-temp
P
W
-
1.2
1.8
W
E/I-temp
2.1


Similar Part No. - TPD1XGKZRI00057G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGKZRI00028G OPLINK-TPD1XGKZRI00028G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRI00029G OPLINK-TPD1XGKZRI00029G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRI00030G OPLINK-TPD1XGKZRI00030G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRI00031G OPLINK-TPD1XGKZRI00031G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRI00032G OPLINK-TPD1XGKZRI00032G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
More results

Similar Description - TPD1XGKZRI00057G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com