Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110V-PROPLUS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 110V-PROPLUS
Description  T O TA L L A M P S O LU T I O N S
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

110V-PROPLUS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  110V-PROPLUS Datasheet HTML 1Page - List of Unclassifed Manufacturers 110V-PROPLUS Datasheet HTML 2Page - List of Unclassifed Manufacturers 110V-PROPLUS Datasheet HTML 3Page - List of Unclassifed Manufacturers 110V-PROPLUS Datasheet HTML 4Page - List of Unclassifed Manufacturers 110V-PROPLUS Datasheet HTML 5Page - List of Unclassifed Manufacturers 110V-PROPLUS Datasheet HTML 6Page - List of Unclassifed Manufacturers 110V-PROPLUS Datasheet HTML 7Page - List of Unclassifed Manufacturers 110V-PROPLUS Datasheet HTML 8Page - List of Unclassifed Manufacturers 110V-PROPLUS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
www .prolite -lamps.co.uk
4
PRO-MICRO COMPACT FLUORESCENT
DESCRIPTION
The Pro-Micro is designed specifically for use where high output is required in constricted
luminaires. A lamp with the minimum lamp volume to the best output return.
PROMICRO/9W/BC
9
45
240
BC
420
5.5
53.5 x 27 x 15
87
47
PROMICRO/9W/ES
9
45
240
ES
420
5.5
53.5 x 27 x 15
87
47
PROMICRO/11W/BC
11
60
240
BC
550
5.5
53.5 x 27 x 15
95
47
PROMICRO/11W/ES
11
60
240
ES
550
5.5
53.5 x 27 x 15
95
47
PROMICRO/15W/BC
15
75
240
BC
820
8
53.5 x 26.5 x 18.5
109
47
PROMICRO/15W/ES
15
75
240
ES
820
8
53.5 x 26.5 x 18.5
109
47
PROMICRO/20W/BC
20
100
240
BC
1180
8
53.5 x 26.5 x 18.5
127
47
PROMICRO/20W/ES
20
100
240
ES
1180
8
53.5 x 26.5 x 18.5
127
47
FEATURES
• Similar length to standard GLS Lamp
• High output length per watt
• Fits traditional bulkheads and porch lights
• Warm white colour 2700K
APPLICATIONS
• Where lamp length is critical
• Domestic & Commercial
• Table lamps & Pendants
TECHNICAL SPECIFICATION
h
w
8,000h
Pro-Micro
11W
Standard
GLS
105
95


Similar Part No. - 110V-PROPLUS

ManufacturerPart #DatasheetDescription
logo
Powerbox
110V POWERBOX-110V Datasheet
238Kb / 1P
   5 0 - 4 0 0 WAT T S - D C / D C C O N V E R T E R S
logo
Vicor Corporation
110V VICOR-110V Datasheet
611Kb / 14P
   Extended temperature range
logo
ETRI
110VU0160001 ETRI-110VU0160001 Datasheet
174Kb / 1P
   400 Hz Fans
110VU0160001 ETRI-110VU0160001 Datasheet
229Kb / 1P
   400 Hz Fans
110VU0162001 ETRI-110VU0162001 Datasheet
174Kb / 1P
   400 Hz Fans
More results

Similar Description - 110V-PROPLUS

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCP56 ETL-GMBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCP56 ETL-GLBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
   N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCP69 ETL-GLBCP69 Datasheet
248Kb / 2P
   P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com