Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

644H-1R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 644H-1R
Description  600H and 600NH series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

644H-1R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  644H-1R Datasheet HTML 1Page - List of Unclassifed Manufacturers 644H-1R Datasheet HTML 2Page - List of Unclassifed Manufacturers 644H-1R Datasheet HTML 3Page - List of Unclassifed Manufacturers 644H-1R Datasheet HTML 4Page - List of Unclassifed Manufacturers 644H-1R Datasheet HTML 5Page - List of Unclassifed Manufacturers 644H-1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 644H-1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 644H-1R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
APEM
www.apem.com
A-103
600H series
Toggle switches - high amperage - metal lever
Solder lug/quick-connect terminals - screw terminals
A
Three pole
Double pole
Single pole
MODEL
STRUCTURE
III
II
I
2-1
2-3
Solder lug
Screw term.
631H/2
631H
ON
-
OFF
635H/2
635H
MOM
-
ON
636H/2
636H
ON
-
ON
637H/2
637H
MOM OFF MOM
638H/2
638H
ON
OFF MOM
639H/2
639H
ON
OFF
ON
III
II
I
2-1
2-3
5-4
5-6
8-7
8-9
Solder lug
Screw term.
651H/2
651H
ON
-
OFF
655H/2
655H
MOM
-
ON
656H/2
656H
ON
-
ON
657H/2
657H
MOM OFF MOM
658H/2
658H
ON
OFF MOM
659H/2
659H
ON
OFF
ON
III
II
I
2-1
2-3
5-4
5-6
Solder lug
Screw term.
641H/2
641H
ON
-
OFF
644H/2
644H*
ON
ON
ON
644H/2-1R
644H-1R*
ON
ON MOM
644H/2-2R
644H-2R*
MOM ON MOM
645H/2
645H
MOM -
ON
646H/2
646H
ON
-
ON
647H/2
647H
MOM OFF MOM
648H/2
648H
ON
OFF MOM
649H/2
649H
ON
OFF
ON
2 and 3 maintained or momentary positions
• Solder lug/quick-connect terminals 6,35 x 0,8 (.250 x.031)
or screw terminals + clamp
• 1, 2 and 3 pole configurations
• Normalized quick-connect terminals
(/3) optional. On request.
* Function 4 : SP in DP case - see end of catalogue.
Keyway
Keyway
Keyway
Keyway
3
1
2
(.122DIA)
Ø3.10
(.25x.031)
6.35x0.80
(.031)
(.118DIAx0.50 IS)
Ø3.00x0.50 SI
0.80
6.35
(.25)
III
14.00
17.50
10.50
15.00
11.00
Ø12.00x0.75 SI
(.472DIAx0.75 IS)
(.433)
(.59)
(.413)
(.689)
(.551)
3
2
1
A3
A2
A1
(.689)
(.413)
(.846)
(.433)
(.433)
(.846)
21.50
11.00
21.40
10.50
17.50
11.00
(.472DIAx0.75 IS)
Ø12.00x0.75 SI
III
B4
B5
B6
(.472DIAx0.75 IS)
1
4
7
(.433)
(.949)
(.44)
(.689)
(1.358)
34.50
17.50
11.20
24.00
11.00
Ø12.00x0.75 SI
(.472)
(.472)
12.00
12.00
III
2
5
8
3
6
9
600H/2
600H


Similar Part No. - 644H-1R

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6440 POMONA-6440 Datasheet
19Kb / 1P
   Nut, Hex 8-32
logo
Hubbell Incorporated.
6440 HUBBELL-6440 Datasheet
365Kb / 1P
   Rod, Expanding/Cross-Plate Anchor, 1in X 10ft Ovaleye
logo
Christian Bürkert GmbH ...
6440 BURKERT-6440 Datasheet
1Mb / 21P
   Servo-assisted 2/2-way piston valve
13.02.2024
logo
Cooper Bussmann, Inc.
64400 COOPER-64400 Datasheet
44Kb / 1P
   Welder Limiters Class H and J Fuseholders
logo
Tyco Electronics
644020 MACOM-644020 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
More results

Similar Description - 644H-1R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Amphenol Corporation
4400 AMPHENOL-4400 Datasheet
1Mb / 10P
   Amphenol 67 and 165 Series Amphenol 67 and 165 Series
logo
Intel Corporation
BD82QM67-SLJ4M INTEL-BD82QM67-SLJ4M Datasheet
6Mb / 934P
   Intel짰 6 Series Chipset and Intel짰 6 Series Chipset and
logo
List of Unclassifed Man...
UCY74 ETC2-UCY74 Datasheet
1Mb / 29P
   UCY74 and UCA64 Series
logo
Xilinx, Inc
XC1700E XILINX-XC1700E Datasheet
123Kb / 12P
   XC1700E and XC1700L Series
logo
STMicroelectronics
BTW69-1000RG STMICROELECTRONICS-BTW69-1000RG Datasheet
88Kb / 6P
   BTW67 and BTW69 Series
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
logo
EDAC, All Rights Reserv...
COVERS-SERIES EDAC-COVERS-SERIES Datasheet
255Kb / 1P
   Covers Series Rack and Panel Connector Covers | For 516 and 519 Series
logo
Panasonic Battery Group
EEF-LX PANASONICBATTERY-EEF-LX Datasheet
792Kb / 1P
   EEF-GX and LX Series
logo
Keysight Technologies
N1912A-P KEYSIGHT-N1912A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com