Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K1240-PROPLUS Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # K1240-PROPLUS
Description  T O TA L L A M P S O LU T I O N S
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K1240-PROPLUS Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button K1240-PROPLUS Datasheet HTML 6Page - List of Unclassifed Manufacturers K1240-PROPLUS Datasheet HTML 7Page - List of Unclassifed Manufacturers K1240-PROPLUS Datasheet HTML 8Page - List of Unclassifed Manufacturers K1240-PROPLUS Datasheet HTML 9Page - List of Unclassifed Manufacturers K1240-PROPLUS Datasheet HTML 10Page - List of Unclassifed Manufacturers K1240-PROPLUS Datasheet HTML 11Page - List of Unclassifed Manufacturers K1240-PROPLUS Datasheet HTML 12Page - List of Unclassifed Manufacturers K1240-PROPLUS Datasheet HTML 13Page - List of Unclassifed Manufacturers K1240-PROPLUS Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
www .prolite -lamps.co.uk
10
COLOUR HELIX COMPACT FLUORESCENT
DESCRIPTION
A range of lamps using coloured glass and coloured phosphor to give architectural hues
and colouring for display and accent lighting. 240V coloured helix lamps are available
in 18W, 25W and 30W. Great for seasonal and display applications with all the energy
saving and cost savings associated with compact fluorescent lamps.
TECHNICAL SPECIFICATION
h
w
HELIX/18W/BC/BL
18
240
BC
BLUE
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/18W/ES/BL
18
240
ES
BLUE
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/18W/BC/GR
18
240
BC
GREEN
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/18W/ES/GR
18
240
ES
GREEN
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/18W/BC/RED
18
240
BC
RED
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/18W/ES/RED
18
240
ES
RED
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/25W/240/B
25
240
ES
BLUE
8.5
67.5 x 33.5 x 21.5
151
60
HELIX/25W/240/G
25
240
ES
GREEN
8.5
67.5 x 33.5 x 21.5
151
60
HELIX/25W/240/R
25
240
ES
RED
8.5
67.5 x 33.5 x 21.5
151
60
HELIX/30W/240/B
30
240
ES
BLUE
8.5
67.5 x 33.5 x 21.5
158
60
HELIX/30W/240/G
30
240
ES
GREEN
8.5
67.5 x 33.5 x 21.5
158
60
HELIX/30W/240/R
30
240
ES
RED
8.5
67.5 x 33.5 x 21.5
158
60
HELIX/30W/240/Y
30
240
ES
YELLOW
8.5
67.5 x 33.5 x 21.5
158
60
8,000h


Similar Part No. - K1240-PROPLUS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
K124 FOX-K124 Datasheet
388Kb / 3P
   1.2 x 1.0 x 0.35mm Tuning Fork ??4 pad
More results

Similar Description - K1240-PROPLUS

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCP56 ETL-GMBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCP56 ETL-GLBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
   N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCP69 ETL-GLBCP69 Datasheet
248Kb / 2P
   P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com