Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501S41N102KV4E Datasheet(PDF) 21 Page - Johanson Technology Inc.

Part # 501S41N102KV4E
Description  ceramic capacitor solutions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

501S41N102KV4E Datasheet(HTML) 21 Page - Johanson Technology Inc.

Back Button 501S41N102KV4E Datasheet HTML 17Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 18Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 19Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 20Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 21Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 22Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 23Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 24Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 25Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
www.johanson dielectrics.com
AVAILABLE CAPACITANCE CODE
CASE
SIZE
0201
R05
NPO
25V
X7R
16V
X5R
10V
0402
R07
50V
25V
16V
10V
See Tanceram High
Capacitance Series
for values ≥ 1.0µF
200V
0603
R14
100V
50V
25V
16V
See Tanceram High
Capacitance Series
for values ≥ 1.0µF
200V
0805
R15
100V
50V
25V
16V
See Tanceram High
Capacitance Series
for values ≥ 1.0µF
200V
1206
R18
100V
50V
25V
16V
See Tanceram High
Capacitance Series
for values ≥ 1.0µF
200V
1210
S41
100V
50V
25V
16V
See Tanceram High
Capacitance Series
for values ≥ 1.0µF
200V
1812
S43
100V
50V
25V
16V
SURFACE MOUNT MLCCS 10 - 200 VDC


Similar Part No. - 501S41N102KV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
501S42E9R1CV4E JOHANSON-501S42E9R1CV4E Datasheet
175Kb / 5P
   Q & ESR EXPLAINED A JOHANSON TECHNOLOGY PRIMER
501S43W473KV4E JOHANSON-501S43W473KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
More results

Similar Description - 501S41N102KV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com