Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501S41N102KV4E Datasheet(PDF) 28 Page - Johanson Technology Inc.

Part # 501S41N102KV4E
Description  ceramic capacitor solutions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

501S41N102KV4E Datasheet(HTML) 28 Page - Johanson Technology Inc.

Back Button 501S41N102KV4E Datasheet HTML 24Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 25Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 26Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 27Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 28Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 29Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 30Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 31Page - Johanson Technology Inc. 501S41N102KV4E Datasheet HTML 32Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
28
www.johanson dielectrics.com
X2Y® SWITCH-MODE CERAMIC CAPACITORS
JDI’s new X2Y® Technology Switch-Mode ceramic capacitors
exhibit significantly lower ESL making them ideally suited
for applications where high frequency filtering performance
is critical. Lower ESL performance translates to significant
size and weight reduction because lower capacitance values
perform as well or better
KEY FEATURES
• Low ESR / Low ESL, Ideal for SMPS Filtering Applications
• Same Package Size as DSCC Drawings 87106 & 88011
MIL-PRF-49470
• NPO & X7R Dielectrics, 50 to 500 VDC Ratings
• Custom Sizes, Voltages, and Values Available
CAPACITANCE / VOLTAGE SELECTION
Rated DC
Voltage
Maximum X7R Capacitance Per Case Size (µF)
Y05
Y25
Y35
Y45
Y55
Y04
Y24
Y34
Y44
Y54
Y03
Y23
Y33
Y43
Y53
50V
2.7
5.0
8.0
11
14
8.3
17
25
33
41
29
58
87
116
145
100V
2.0
4.0
6.0
8.0
10
6.0
12
17
24
29
21
41
62
83
104
200V
0.9
1.8
2.7
4.0
5.0
2.8
5.5
8.3
11
14
9.8
20
29
39
49
500V
0.5
0.9
1.4
1.8
2.3
1.4
2.8
4.1
5.5
6.9
4.9
9.7
14
19
24


Similar Part No. - 501S41N102KV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
501S42E9R1CV4E JOHANSON-501S42E9R1CV4E Datasheet
175Kb / 5P
   Q & ESR EXPLAINED A JOHANSON TECHNOLOGY PRIMER
501S43W473KV4E JOHANSON-501S43W473KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
More results

Similar Description - 501S41N102KV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com