Electronic Components Datasheet Search |
|
ERJ6RED1002X Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ERJ6RED1002X Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 3 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Precision Thick Film Chip Resistors 1 2 3 4 5 6 7 8 9 10 11 12 Product Code Thick Film Chip Resistors Size, Power Rating Type: inch 1R : 0201 2R : 0402 3R : 0603 6R : 0805 Power R. 0.05 W 0.063 W 0.1 W 0.1 W T.C.R. Marking T.C.R. Code H B K E ±50 10 –6/˚C (1R, 2R) ±50 10 –6/˚C (3R, 6R) ±100 10 –6/˚C (2R) ±100 10 –6/˚C (3R, 6R) Resistance Value Resistance Tolerance Code D Tolerance ±0.5 % Packaging Methods Code C X V Pressed Carrier Taping 2 mm pitch, 15,000 pcs. Punched Carrier Taping 2 mm pitch, 10,000 pcs. Punched Carrier Taping 4 mm pitch, 5,000 pcs. ERJ1R ERJ2R ERJ3R ERJ6R Packaging Type The first three digits are significant figures of resistance and the last one denotes number of zeros following. Example: 1002 10 k Precision Thick Film Chip Resistors ERJ G : 01005, 0201 ERJ R : 0201, 0402, 0603, 0805 ERJ E : 0603, 0805, 1206, 1210, 1812, 2010, 2512 Type: ERJ XG, 1G ERJ 1R, 2R, 3R, 6R ERJ 3E, 6E, 8E, 14, 12, 1T ■ Features ● Small size and lightweight ● High reliability Metal glaze thick film resistive element and three layers of electrodes ● Compatible with placement machines Taping packaging available ● Suitable for both reflow and flow soldering ● RoHS compliant ■ Explanation of Part Numbers ● Low Resistance Tolerance ERJXG, 1G, 2R, 3E, 6E, 8E, 14, 12, 1T Series ..... ±1 % ERJ1R, 2R, 3R, 6R Series .............................. ±0.5 % ● Reference Standards IEC 60115-8, JIS C 5201-8, EIAJ RC-2134B ● ERJ1R, 2R, 3R, 6R Series, ±0.5 % type ■ Packaging Methods, Land Pattern, Soldering Conditions and Safety Precautions Please see Data Files Aug. 2012 03 5 |
Similar Part No. - ERJ6RED1002X |
|
Similar Description - ERJ6RED1002X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |