Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

534B1103JLB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 534B1103JLB
Description  7/8 (22.2 mm) Multi Turn Wirewound
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

534B1103JLB Datasheet(HTML) 1 Page - Vishay Siliconix

  534B1103JLB Datasheet HTML 1Page - Vishay Siliconix 534B1103JLB Datasheet HTML 2Page - Vishay Siliconix 534B1103JLB Datasheet HTML 3Page - Vishay Siliconix 534B1103JLB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 533, 534, 535
www.vishay.com
Vishay Spectrol
Revision: 27-Jun-12
1
Document Number: 57065
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
7/8" (22.2 mm) Multi Turn Wirewound
533: 3 Turns/534: 10 Turns/535: 5 Turns
Note
• The color of this product may either be black (US market) or blue
(other regions)
FEATURES
• Bushing and servo mount designs available
• Special resistance tolerances to 1 %
• Rear shaft extensions and support bearing
• Metric shaft available
• Dual gang configuration and concentric shafts
• High torque, center tap, slipping clutch on request
• Special markings and front shaft extensions
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, multi turn wirewound
Output type
Output by turrets
Market appliance
Industrial
Dimensions
7/8" (22.2 mm)
ELECTRICAL SPECIFICATIONS
PARAMETER
MODEL 533
MODEL 534
MODEL 535
Resistance range - standard values
50
 to 20 k
100
 to 100 k
50
 to 50 k
Capability range
5
 to 60 k
10
 to 200 k
5
 to 100 k
Standard tolerance
± 5 %
± 5 %
± 5 %
Linearity (independent)
± 0.25 %
± 0.25 %
± 0.25 %
Noise
100
 ENR
100
 ENR
100
 ENR
Rotation (electrical and mechanical)
1080° + 10°
- 0°
3600° + 10°
- 0°
1800° + 10°
- 0°
Power rating (at 70 °C)
1.0 W
2.0 w
1.5 W
Insulation resistance
1000 M
 minimum 500 V
DC
Dielectric strength
1000 VRMS minimum 60 Hz
Absolute minimum resistance
Not to exceed linearity x total resistance or 1
, whichever is greater
Temperature coefficient
20 ppm/°C (standard values, wire only)
End voltage
0.25 % of total applied voltage, maximum
Phasing
CCW end points - section 2 phased to section 1 within ± 2°
Taps
Center tap only
MARKING
Unit identification
Manufacturer’s name and model number,
resistance value and tolerance, linearity
specification date code and terminal
identification
RESISTANCE VALUES
533 (

50, 100, 200, 500, 1K, 2K, 5K, 10K, 20K
534 (

100, 200, 500, 1K, 2K, 5K, 10K, 20K, 50K, 100K
535 (

50, 100, 200, 500, 1K, 2K, 5K, 10K, 20K, 50K
ORDERING INFORMATION/DESCRIPTION
The Models 533 (3 turns), 534 (10 turns) and 535 (5 turns) can be ordered by stating
534
B
2
10K
20K
5 %
C
BO10
e4
MODEL
MOUNTING
NUMBER OF
SECTION
OHMIC VALUE
SECTION No 1
OHMIC VALUE
SECTION No 2
TOLERANCE ON
OHMIC VALUE
LINEARITY
PACKAGING
LEAD
FINISH
B: Bushing
S: Servo
± 0.25 % (STD)
Box of
10 pieces
SAP PART NUMBERING GUIDELINES
534
B
2
103
203
J
C
B10
MODEL
STYLE
NUMBER OF
SECTION
OHMIC VALUE
SECTION No 1
OHMIC VALUE
SECTION No 2
TOLERANCE ON
OHMIC VALUE
LINEARITY
PACKAGING
B: Bushing
S: Servo
103 = 10K
203 = 20K
J: ± 5 %
F: ± 1 %
C: ± 0.25 %
CUSTOM:
L: ± 0.20 %
D: ± 0.1 %
Box of
10 pieces


Similar Part No. - 534B1103JLB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
534B1103103FCXXXX VISHAY-534B1103103FCXXXX Datasheet
98Kb / 4P
   (22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
01-Jan-2022
534B1103103FLXXXX VISHAY-534B1103103FLXXXX Datasheet
98Kb / 4P
   (22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
01-Jan-2022
534B1103103JCXXXX VISHAY-534B1103103JCXXXX Datasheet
98Kb / 4P
   (22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
01-Jan-2022
534B1103103JLXXXX VISHAY-534B1103103JLXXXX Datasheet
98Kb / 4P
   (22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
01-Jan-2022
534B1103220FCXXXX VISHAY-534B1103220FCXXXX Datasheet
98Kb / 4P
   (22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
01-Jan-2022
More results

Similar Description - 534B1103JLB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
   7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
Revision: 12-Jul-07
152 VISHAY-152 Datasheet
324Kb / 4P
   7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
01-Jan-2022
MODEL152 VISHAY-MODEL152 Datasheet
257Kb / 4P
   7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
Revision: 19-Jun-07
MODEL502 VISHAY-MODEL502 Datasheet
261Kb / 4P
   7/8 (22.2 mm) Ten-Turn Wirewound Upper Grade Precision Potentiometer
Revision: 12-Jul-07
MODEL552 VISHAY-MODEL552 Datasheet
295Kb / 4P
   7/8inch (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
Revision: 10-Jul-07
MODEL159 VISHAY-MODEL159 Datasheet
272Kb / 4P
   7/8 (22.2 mm) Single Turn Cermet Precision Potentiometer
Revision: 07-Sep-07
702 VISHAY-702 Datasheet
103Kb / 4P
   (22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
01-Jan-2022
502 VISHAY-502 Datasheet
106Kb / 4P
   (22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
552 VISHAY-552 Datasheet
309Kb / 4P
   (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
MODEL536 VISHAY-MODEL536 Datasheet
234Kb / 4P
   7/8inch (22.2 mm) Ten Turn Wirewound Precision Potentiometer with a Plastic Shaft
Revision: 12-Jul-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com