Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EXN-P-M258ULTRA Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EXN-P-M258ULTRA
Description  T O TA L L A M P S O LU T I O N S
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EXN-P-M258ULTRA Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EXN-P-M258ULTRA Datasheet HTML 7Page - List of Unclassifed Manufacturers EXN-P-M258ULTRA Datasheet HTML 8Page - List of Unclassifed Manufacturers EXN-P-M258ULTRA Datasheet HTML 9Page - List of Unclassifed Manufacturers EXN-P-M258ULTRA Datasheet HTML 10Page - List of Unclassifed Manufacturers EXN-P-M258ULTRA Datasheet HTML 11Page - List of Unclassifed Manufacturers EXN-P-M258ULTRA Datasheet HTML 12Page - List of Unclassifed Manufacturers EXN-P-M258ULTRA Datasheet HTML 13Page - List of Unclassifed Manufacturers EXN-P-M258ULTRA Datasheet HTML 14Page - List of Unclassifed Manufacturers EXN-P-M258ULTRA Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
www .prolite -lamps.co.uk
11
SENSOR COMPACT FLUORESCENT
DESCRIPTION
The Pro-Lite Sensor compact fluorescent lamp converts standard fittings to a dusk to
dawn fitting. Available in BC / ES cap, the sensor lamps are a direct enhancement to
existing light fittings, converting them to automatic dusk to dawn. When fitting the lamp
requires no manual adjustment. The intelligent sensor adjusts to day length. 2700K
warm white colour temperature. A direct retrofit with no additional wiring.
TECHNICAL SPECIFICATION
h
w
ELT/11W/BC/SENS
11
240
BC
555
6.6
46.5 x 23.1 x 20
141
40
ELT/11W/ES/SENS
11
240
ES
555
6.6
46.5 x 23.1 x 20
141
40
ELT/15W/BC/SENS
15
240
BC
815
7.1
56.5 x 28.3 x 20.2
147
48
ELT/15W/ES/SENS
15
240
ES
815
7.1
56.5 x 28.3 x 20.2
147
48
8,000h


Similar Description - EXN-P-M258ULTRA

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCP56 ETL-GMBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCP56 ETL-GLBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
   N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCP69 ETL-GLBCP69 Datasheet
248Kb / 2P
   P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com