Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFA-PA-1014-FC2-S-3 Datasheet(PDF) 2 Page - Emcore Corporation

Part # MAFA-PA-1014-FC2-S-3
Description  Optical Preamplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA-PA-1014-FC2-S-3 Datasheet(HTML) 2 Page - Emcore Corporation

  MAFA-PA-1014-FC2-S-3 Datasheet HTML 1Page - Emcore Corporation MAFA-PA-1014-FC2-S-3 Datasheet HTML 2Page - Emcore Corporation MAFA-PA-1014-FC2-S-3 Datasheet HTML 3Page - Emcore Corporation MAFA-PA-1014-FC2-S-3 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DATASHEET | SEPTEMBER 2013
FIBER OPTICS
| REV 2013.09
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Optical/Electrical Characteristics1
Property
Unit
Limit
Model 1400
Comments
(Note 1)
Operating Input Power
Pin (dBm)
Max
0
-
Operating Input Power
Pin (dBm)
Min
-45
-
Saturated Output Power
Pout (dBm)
Nominal
14 +/- .25
(Notes 2,3)
Noise Figure
NF (dB)
Max
3.3 dB
(Note 4)
Output Power Stability
(dB)
Max
+/- 0.1
(Note 5)
Power Consumption
(Steady state)
Psys(W)
Max
2
70°C Case
Notes:
1. Unless stated otherwise, all specifications apply over the full operating temperature and humidity ranges
2. Measurement variations
3. Measured @ 1550 nm and Pin = -4 dBm
4. Measure @ 1550 nm and Pin = -30 dBm
5. Over polarization and temperature
Outline Drawing (dimensions in mm)
MAFA 1014-PA Optical Preamplifier
Erbium Doped Fiber Preamplifier


Similar Part No. - MAFA-PA-1014-FC2-S-3

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-1000 EMCORE-MAFA-1000 Datasheet
533Kb / 5P
   MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
MAFA-1014-SC1-00-S-1 EMCORE-MAFA-1014-SC1-00-S-1_13 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-2014-SC-00 EMCORE-MAFA-2014-SC-00_13 Datasheet
395Kb / 4P
   Full Function Fiber Optic Amplifier Gain Block Ready for Integration
MAFA-2100-PA EMCORE-MAFA-2100-PA Datasheet
383Kb / 3P
   Erbium Doped Fiber Micro PreAmplifier
More results

Similar Description - MAFA-PA-1014-FC2-S-3

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA1014-PA EMCORE-MAFA1014-PA Datasheet
801Kb / 4P
   Optical Preamplifier
logo
Mitsubishi Electric Sem...
M51567P MITSUBISHI-M51567P Datasheet
288Kb / 6P
   PREAMPLIFIER FOR OPTICAL PICKUP
M51598FP MITSUBISHI-M51598FP Datasheet
292Kb / 6P
   PREAMPLIFIER FOR OPTICAL PICKUP
M61083FP MITSUBISHI-M61083FP Datasheet
30Kb / 5P
   PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP
M61089FP MITSUBISHI-M61089FP Datasheet
27Kb / 5P
   PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
M61084FP MITSUBISHI-M61084FP Datasheet
31Kb / 5P
   PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP?
logo
Zarlink Semiconductor I...
ZL60038 ZARLINK-ZL60038 Datasheet
249Kb / 6P
   650-nm, 125 Mbps Pin Preamplifier for Plastic Optical Fiber
logo
Maxim Integrated Produc...
MAX3760 MAXIM-MAX3760 Datasheet
124Kb / 8P
   622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers
19-4765; Rev 0; 7/98
logo
TEKTRONIX, INC.
ADA400A TEKTRONIX-ADA400A Datasheet
202Kb / 4P
   Differential Preamplifier
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
   Microphone Preamplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com