Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFA1014-FC1-00-S-1 Datasheet(PDF) 1 Page - Emcore Corporation

Part # MAFA1014-FC1-00-S-1
Description  Full Function Fiber Optic Amplifier Ready for Integration
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA1014-FC1-00-S-1 Datasheet(HTML) 1 Page - Emcore Corporation

  MAFA1014-FC1-00-S-1 Datasheet HTML 1Page - Emcore Corporation MAFA1014-FC1-00-S-1 Datasheet HTML 2Page - Emcore Corporation MAFA1014-FC1-00-S-1 Datasheet HTML 3Page - Emcore Corporation MAFA1014-FC1-00-S-1 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATASHEET | OCTOBER 2013
FIBER OPTICS
| REV 2013.10
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
CATV Systems
Long Distance RF/Microwave Fiber
Optic Communication Links
Sensing and Control Systems
High Performance Supertrunking Links
High Power Distribution Networks
Redundanct Ring Architectures
FTTx Networks
Features
Full Function Fiber Optic Amplifier
Ready for Integration
Low Noise Figure (Typ < 4.5 dB)
Pin: -6 dBm to +12 dBM
Pout: +14 dBm to +23 dBm
RS-232 Monitor and Control Interface
Standard and Optional Gain Flatness
Low Electrical Power Consumption
Input/Output Isolation >40/40 dB
Polarization Dependant Gain < 0.1 dB
Polarization Mode Dispersion < 0.2 ps
Input & Output Return Losses < -40 dB
Output Residual Pump Power < -30 dBm
Back Reflection Monitoring
MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
EMCORE’s MAFA 1000 Series Erbium Doped Fiber micro Amplifier (μEDFA)
Gain Block Module is an ideal building block for OEM system integrators. The
family of MAFA 1000 EDFA Gain Blocks is designed to meet the most demanding
noise performance requirements of fiber optic communications and control
systems, and performs all the functions required of an optical amplifier for system
integration.
MAFA 1000 series EDFA Gain Blocks provide input and output optical isolation for
stable, low noise operation. The input and output optical signal power levels are
detected for monitoring and control. The input optical signal is amplified with
active gain control for a constant output power level or with active output power
control for constant gain mode operation.
The MAFA 1000 series EDFA Gain Blocks also provide monitors and associated
alarms for all critical operating parameters. The optical output of the MAFA 1000
series EDFA Gain Blocks can be split into multiple ports by optional external
splitter. Optional back reflection monitoring feature enables safe output optical
power managing.
The compact mechanical footprint of the MAFA 1000 allows using this unit to be
installed in small space environments.
MAFA 1000 Series EDFA


Similar Part No. - MAFA1014-FC1-00-S-1

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA1014-FC1-00-S-1 EMCORE-MAFA1014-FC1-00-S-1 Datasheet
533Kb / 5P
   MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
More results

Similar Description - MAFA1014-FC1-00-S-1

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-3027-SC-P-1 EMCORE-MAFA-3027-SC-P-1_13 Datasheet
328Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA-2014-SC-00 EMCORE-MAFA-2014-SC-00_13 Datasheet
395Kb / 4P
   Full Function Fiber Optic Amplifier Gain Block Ready for Integration
PONA-3027-SC-01-P-AC EMCORE-PONA-3027-SC-01-P-AC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-150XAFZ AVAGO-HFBR-150XAFZ Datasheet
733Kb / 7P
   Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
logo
Carlo Gavazzi Holding A...
FA1 CARLOGAVAZZI-FA1 Datasheet
914Kb / 5P
   Fiber Optic Sensor Amplifier Type FA1
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-1347 PF-MLV41-LL-IR-1347 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-2492 PF-MLV41-LL-IR-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com