Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S0297-TPP4XGFLRXG Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # S0297-TPP4XGFLRXG
Description  1310nm 10km SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

S0297-TPP4XGFLRXG Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  S0297-TPP4XGFLRXG Datasheet HTML 1Page - OPLINK Communications Inc. S0297-TPP4XGFLRXG Datasheet HTML 2Page - OPLINK Communications Inc. S0297-TPP4XGFLRXG Datasheet HTML 3Page - OPLINK Communications Inc. S0297-TPP4XGFLRXG Datasheet HTML 4Page - OPLINK Communications Inc. S0297-TPP4XGFLRXG Datasheet HTML 5Page - OPLINK Communications Inc. S0297-TPP4XGFLRXG Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
S0297. Rev.01. (web) 2012-04-05
4
TPP4XGFLRxG
Oplink Communications, Inc
Electrical Interface: All signal interfaces are compliant with
the SFP+ MSA specification. The high speed DATA interface
is differential AC-coupled internally and can be directly
connected to a 3.3V SERDES IC. All low speed control and
sense output signals are open collector TTL compatible and
should be pulled up with a 4.7- 10resistor on the host
board.
Loss of Signal (LOS): The Loss of Signal circuit monitors the
level of the incoming optical signal and generates logic HIGH
when an insufficient photocurrent is produced.
TX_Fault: The output indicates LOW when the transmitter
is operating normally and HIGH with a laser fault including
laser end-of-life. TX Fault is an open collector/drain output
and should be pulled up with a 4.7- 10resistor on the
host board.
TX_Disable: When the TX Disable pin is at logic HIGH,
the transmitter optical output is disabled. The laser is also
disabled if this line is left floating, as it is pulled high inside
the transceiver.
Serial Identification and Monitoring: The module
definition of SFP is indicated by the MOD_ABS pin and the
2-wrie serial interface. Upon power up, the 2-wrie interface
appears as NC (no connection), and MOD_ABS is TTL LOW.
When the host system detects this condition, it activates the
serial protocol (standard two-wire I2C serial interface) and
generates the serial clock signal (SCL). The positive edge
clocks data into the EEPROM segments of the device that
are not write protected, and the negative edge clocks data
from the device. The serial data signal (SDA) is for serial data
transfer. The host uses SDA in conjunction with SCL to mark
the start and end of serial protocol activation.The supported
monitoring functions are temperature, voltage, bias current,
transmitter power, average receiver signal, all alarms and
warnings, and software monitoring of TX Fault/LOS. The
device is internally calibrated.
The data transfer protocol and the details of the mandatory
and vendor specific data structures are defined in the SFP
MSA, and SFF-8472, Rev. 10.4.
Power Supply and Grounding: The power supply line
should be well-filtered. All power supply bypass capacitors
should be as close to the transceiver module as possible.
Application Notes
Module Pin Description
Pin
Logic
Symbol
Description
1
-
VeeT
Module Transmitter Ground
2
LVTTL-O
TX_Fault
Module Transmitter Fault
3
LVTTL-I
TX_Disable
Transmitter Disable; Turns off transmitter laser output
4
LVTTL-I/O
SDA
2-Wire Serial Interface Data Line
5
LVTTL-I/O
SCL
2-Wire Serial Interface Clock
6
-
MOD-ABS
Module Definition, Grounded in the module
7
LVTTL-I
RS0
No function implemented
8
LVTTL-O
RX_LOS
Receiver Loss of Signal Indication
9
LVTTL-I
RS1
No function implemented
10
-
VeeR
Module Receiver Ground
11
-
VeeR
Module Receiver Ground
12
CML-O
RD-
Receiver Inverted Data Output
13
CML-O
RD+
Receiver Non-Inverted Data Output
14
-
VeeR
Module Receiver Ground
15
-
VccR
Module Receiver 3.3V Supply
16
-
VccT
Module Transmitter 3.3V Supply
17
-
VeeT
Module Transmitter Ground
18
CML-I
TD+
Transmitter Non-Inverted Data Input
19
CML-I
TD-
Transmitter Inverted Data Input
20
-
VeeT
Module Transmitter Ground


Similar Part No. - S0297-TPP4XGFLRXG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S02-01-R MACOM-S02-01-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-02-R MACOM-S02-02-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-03-R MACOM-S02-03-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-04-R MACOM-S02-04-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-05-R MACOM-S02-05-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
More results

Similar Description - S0297-TPP4XGFLRXG

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPP4XGFLRXG OPLINK-TPP4XGFLRXG Datasheet
361Kb / 6P
   1310nm 10km SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPPT-LR1-01 PULSE-SFPPT-LR1-01 Datasheet
188Kb / 9P
   10Gb/s 1310nm SFP 10km Transceiver
logo
ATGBICS by Approved Tec...
RX-10KM-SFP-C ATGBICS-RX-10KM-SFP-C Datasheet
322Kb / 9P
   RX-10KM-SFP Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
Molex Electronics Ltd.
1837042115 MOLEX-1837042115 Datasheet
1Mb / 6P
   1310nm 10km SFP Transceivers
2020-10-15
logo
OPLINK Communications I...
TPP5XGFLRC000E2A OPLINK-TPP5XGFLRC000E2A Datasheet
301Kb / 6P
   1310nm 10km SFP Transceivers
logo
ATGBICS by Approved Tec...
SFP-1310NM-1000BASE-LX-C ATGBICS-SFP-1310NM-1000BASE-LX-C Datasheet
323Kb / 9P
   SFP-1310nm-1000BASE-LX Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
Level One
SFP-4210 LVL1-SFP-4210 Datasheet
104Kb / 1P
   1.25G SMF SFP Transceiver (10km, 1310nm, -40 to 85C)
logo
ATGBICS by Approved Tec...
SFP-6D-C ATGBICS-SFP-6D-C Datasheet
322Kb / 9P
   SFP-6D Rad Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1000LX-C ATGBICS-SFP-1000LX-C Datasheet
322Kb / 9P
   SFP-1000LX NetScout Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-6DH-C ATGBICS-SFP-6DH-C Datasheet
322Kb / 9P
   SFP-6DH Rad Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com