Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXP1XGDS1E000E2G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TXP1XGDS1E000E2G
Description  Multi-rate 10-Gigabit SR-1XFP Transceiver with Digital Diagnostics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXP1XGDS1E000E2G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TXP1XGDS1E000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TXP1XGDS1E000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TXP1XGDS1E000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TXP1XGDS1E000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TXP1XGDS1E000E2G Datasheet HTML 5Page - OPLINK Communications Inc. TXP1XGDS1E000E2G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
An Oplink Company
S0268. Rev.02. 2012-02-10
Pb
TXP1XGDS1x
The TXP1XGDS1x XFP multi-rate fiber optic transceivers with digital
diagnostics monitoring functionality provide a quick and reliable interface
for 10G short reach applications. The diagnostic functions, alarm and
warning features as described in the XFP Multi-Source Agreement (MSA)
are provided via standard I2C serial interface. The transceivers are compliant
with the XFP Multi-Source Agreement and are designed to support SONET/
SDH, 10G Ethernet, and 10G Fiber Channel data rates from 9.95Gb/s to
11.09Gb/s.
Each transceiver utilizes a 1310nm Distributed Feed Back (DFB) laser for
up to 10km data transmission over single mode fiber. They satisfy Class
I Laser Safety requirements in accordance with the U.S. FDA/CDRH and
international IEC-60825 standards. The receiver features an InGaAs/InP
PIN photodiode and a transimpedance amplifier IC optimized for high
sensitivity and wide dynamic range. The transmitter and receiver DATA
interfaces are AC-coupled Current Mode Logic (CML). LV-TTL Transmitter
Disable control input and Loss of Signal output interfaces are also provided.
The transceivers connect to standard 30-pad XFP connectors for hot plug
capability. This allows the system designer to make configuration changes
or maintenance by simply plugging in different types of transceivers
without removing the power supply from the host system.
The transceivers operate from a single +3.3V power supply over a operating
temperature range of -5°C to +70°C (Commercial), -5°C to +85°C (Extended),
or -40°C to +85°C (Industrial).
Product Description
Lead Free Design & Fully RoHS Compliant
Compliant with XFP MSA
Compliant with OC-192/STM-64
Compliant with IEEE802.3ae
Compliant with ITU-T G.709
Support 10G Fiber Channel Applications
Digital Diagnostics Monitoring
1310nm DFB Laser
Wide Case Operating Temperature Range
Laser Classe 1 IEC/CDRH compliant
Transmission Distance up to 10km
Features
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature Range
T
ST
- 40
+ 85
°C
Operating Case Temperature 1
Commercial
T
OP
- 5
+ 70
°C
Extended
- 5
+ 85
Industrial
- 40
+ 85
Supply Voltage
V
CC3
- 0.2
+ 3.6
V
Input Voltage
V
IN
0
V
CC
V
1
Case temperature is measured on top side of XFP module.
Absolute Maximum Ratings
Multi-rate 10-Gigabit SR-1XFP Transceiver
with Digital Diagnostics


Similar Part No. - TXP1XGDS1E000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGDS1E000E2G OPLINK-TXP1XGDS1E000E2G Datasheet
549Kb / 6P
   Multi-rate 10-Gigabit SR-1XFP Transceiver
More results

Similar Description - TXP1XGDS1E000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGDS1X OPLINK-TXP1XGDS1X Datasheet
549Kb / 6P
   Multi-rate 10-Gigabit SR-1XFP Transceiver
TXP1XGHL2X-S0125 OPLINK-TXP1XGHL2X-S0125 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
TXP1XGGI2X-S0131 OPLINK-TXP1XGGI2X-S0131 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 40km Transceiverswith Digital Diagnostics
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
TXP1XGHL2XX-0959 OPLINK-TXP1XGHL2XX-0959 Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com