Electronic Components Datasheet Search |
|
AM7996DCTR Datasheet(PDF) 4 Page - Advanced Micro Devices |
|
AM7996DCTR Datasheet(HTML) 4 Page - Advanced Micro Devices |
4 / 18 page 4 Am7996 PIN DESCRIPTION Attachment Unit Interface (AUI) Dl+, Dl– Receive Line Output (Differential Outputs) This pair is intended to operate into terminated 78 Ω transmission lines. Signals at RXT meeting bandwidth requirements and carrier sense levels are outputted at Dl ±. Signaling at Dl ± meets requirements of IEEE 802.3, Rev. D. Cl+, Cl– Collision Line Output (Differential Outputs) This pair is intended to operate into terminated 78 Ω transmission lines. Signal Quality Error (SQE), de- tected at DO ± inputs (excessive transmissions) or RXT input (during a collision), outputs the 10 MHz internal oscillator signal to the AUI interface. For proper compo- nent values at COLL OSC, signaling at Cl ± meets re- quirements of IEEE 802.3, Rev. D. DO+, DO– Transmit Input (Differential Inputs) A pair of internally biased line receivers consisting of a squelch detect receiver with offset and noise filtering and a data receiver with zero offset for data signal pro- cessing. Signals meeting squelch requirements are waveshaped and output at TXT. Coaxial Media Interface (TAP) RXT Media Signal Receiver Input (Input) RXT connects to the media through a 4:1 attenuator of 100 k Ω total resistance (25 kΩ and 75 kΩ in series). Return for the attenuator is V COL. RXT is an analog input with internal AC coupling for Manchester data sig- nals and direct coupling for Carrier Detect and SQE av- erage level detection. Signals at RXT meeting carrier squelch enable data to the Dl ± outputs. Data signals are AC coupled to Dl ± with a 150 ns time constant, high-pass filter. Signals meeting SQE levels enable COLL OSC frequency to Cl ± outputs. TXT Tap Node Driver (Input/Output) A controlled bandwidth current source and sense am- plifier. This l/O port is to be connected to the media through an isolation network and a low-pass filter. Sig- nals meeting DO ± squelch and jabber timing require- ments are output at TXT as a controlled rise and fall time current pulse. When operated into a double termi- nated 50 Ω transmission line, signaling meets IEEE 802.3, Rev. D recommendations for amplitude, pulse-width distortion, rise and fall times, and harmonic content. The sense amplifier monitors TXT faults and inhibits transmission. Global Signals VC REF Timing Reference Set (Input) VC REF is a compensated voltage reference input with respect to V EE. When a resistor is connected between VC REF and VEE, then internal transmit and receive squelch timing, SQE oscillator frequency, and receive and SQE output drive levels are set. SQE frequency set is also determined by components connected be- tween V CC1 and COLL OSC. SQE TEST Signal Quality Error Test Enable (Input) The SQE Test function is enabled by connecting the SQE TEST pin to V EE and disabled by connecting to VCC. V TX+, VTX– Tap Node Driver Current Set (Inputs) A reference input for transmission level and external re- dundant jabber. Transmit level is set by an external re- sistor between V TX+ and VTX– (for an 80 mA peak level, R = 9.09 Ω). V TX– may be operated between VEE and V EE + 1 V. When the voltage at VTX– goes more positive than V EE + 2 V, TXT is disabled and an SQE message is output at the Cl pair. TAP SHIELD Low-Noise Media Cable Return (Input) This input is the return for V COL reference and the re- ceive signal from the media. External connection is to a positive power supply. V COL SQE Reference Voltage (Bias Supply) SQE sense voltage and RXT input amplifier reference. An internally set analog reference for SQE level and data signal set at –1.600 V nominal with a source resistance of 150 Ω nominal. This reference should be filtered with respect to TAP SHIELD (see Applications section for ad- justing threshold levels for other applications). COLL OSC SQE Timing Set (Input) Timing input for SQE oscillator. For a properly set input at VC REF, SQE oscillator period is set at 2.1RC. For a 10 MHz SQE oscillator frequency, R should be 1 k Ω and C 47 pF, including interconnect and device capacitance. V CC1 Positive Logic Supply V CC2 SQE Timing Reference (Positive Supply Voltage) Timing reference return for SQE oscillator and analog signal ground. V EE Negative Logic Supply and IC Substrate |
Similar Part No. - AM7996DCTR |
|
Similar Description - AM7996DCTR |